công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 158 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 158 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 154Page - NEC MPD78CP14KB Datasheet HTML 155Page - NEC MPD78CP14KB Datasheet HTML 156Page - NEC MPD78CP14KB Datasheet HTML 157Page - NEC MPD78CP14KB Datasheet HTML 158Page - NEC MPD78CP14KB Datasheet HTML 159Page - NEC MPD78CP14KB Datasheet HTML 160Page - NEC MPD78CP14KB Datasheet HTML 161Page - NEC MPD78CP14KB Datasheet HTML 162Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 373 page
background image
CHAPTER 8
ANALOG/DIGITAL CONVERTER FUNCTIONS
140
8.2 A/D Channel Mode Register (ANM)
This register controls A/D converter operations. As shown in Figure 8-2, bit 0 (MS) of the A/D channel mode register
controls the operation mode, and bits 1 to 3 (ANI0 to ANI2) select the analog input for A/D conversion. Bit 4 (FR)
is used to maintain the optimum conversion speed; the conversion speed for one operation can be calculated by
means of the oscillator frequency and the FR bit using the following expressions, and is set as shown in Table 8-1.
FR=0: Conversion speed = 48
× 12/fXTAL (
µs)
FR=1: Conversion speed = 36
× 12/fXTAL (
µs)
fXTAL = Oscillator frequency (MHz)
Table 8-1. Conversion Speed Settings
Oscillator frequency
15 MHz
12 MHz
11 MHz
10 MHz
9 MHz
8 MHz
7MHz
FR bit
0
0
0
0
1
1
1
Conversion speed
38.4
µs
48
µs
52.4
µs
57.6
µs
48
µs
54
µs
61.7
µs
Reading the contents of the A/D channel mode register allows the current conversion mode to be ascertained.
RESET input or hardware STOP mode resets the A/D channel mode register to 00H.
Writing to the ANM register initializes the A/D converter, stops the A/D conversion currently being performed,
and starts A/D conversion from the beginning in accordance with the contents written to ANM.
Thus if a write is performed on the ANM register after the INTFAD flag has been cleared, A/D conversion is started
in accordance with the written contents. Therefore, when the INTAD flag is set again, the post-change result is stored
in the CR registers (CR0 to CR3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com