công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC320AD50C/I bảng dữ liệu(PDF) 35 Page - Texas Instruments

tên linh kiện TLC320AD50C/I
Giải thích chi tiết về linh kiện   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 31Page - Texas Instruments TLC320AD50C/I Datasheet HTML 32Page - Texas Instruments TLC320AD50C/I Datasheet HTML 33Page - Texas Instruments TLC320AD50C/I Datasheet HTML 34Page - Texas Instruments TLC320AD50C/I Datasheet HTML 35Page - Texas Instruments TLC320AD50C/I Datasheet HTML 36Page - Texas Instruments TLC320AD50C/I Datasheet HTML 37Page - Texas Instruments TLC320AD50C/I Datasheet HTML 38Page - Texas Instruments TLC320AD50C/I Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
4–2
4.3
Electrical Characteristics Over Recommended Operating Free-Air Temperature
Range, DVDD = 5 V, RL = 600 Ω (Unless Otherwise Noted)
4.3.1
Digital Inputs and Outputs, MCLK = 8.192 MHz, fs = 8 kHz, DVDD = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
IO = 360 µA
4
5
V
VOL
Low-level output voltage, DOUT
IO = – 2 mA
0.2
0.4
V
IIH
High-level input current, any digital input
VIH = 5 V
10
µA
IIL
Low-level input current, any digital input
VIL = 0.8 V
10
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
4.3.2
Digital Inputs and Outputs, MCLK = 8.192 MHz, fs = 8 kHz, DVDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
IO = 360 µA
2.4
3
V
VOL
Low-level output voltage, DOUT
IO = – 2 mA
0.2
0.4
V
IIH
High-level input current, any digital input
VIH = 3 V
10
µA
IIL
Low-level input current, any digital input
VIL = 0.6 V
10
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
4.3.3
ADC Channel, MCLK = 8.192 MHz, fs = 8 kHz (see Note 4, Figures 5-6 and 5-7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
– 0.5
0.2
300 Hz to 3 kHz
– 0.25
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
– 0.35
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
–3
dB
4 kHz
–40
≥ 4.4 kHz
–74
NOTE 4: The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test signal is a sine wave with
0 dB = 4 VPP as the reference level for the analog input signal. The passband is 0 to 3600 Hz for an 8-kHz sample rate. This passband
scales linearly with the sample rate.
4.3.4
ADC Dynamic Performance, MCLK = 8.192 MHz, fs = 8 kHz
4.3.4.1 ADC Signal-to-Noise (see Note 5 and Figure 5-10)
PARAMETER
TEST CONDITIONS
TLC320AD50C/52C
TLC320AD50I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = – 1 dB (5.35 V)
85
89
83
87
VI = – 9 dB (2.13 V)
77
81
75
79
Signal-to-noise ratio (SNR)
VI = – 40 dB (60 mV)
46
50
44
48
dB
VI = – 65 dB (3 mV)
21
25
19
23
VAUX = – 9 dB
77
81
75
79
NOTE 5: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output are referenced to AVDD /2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com