công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC320AD50C/I bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện TLC320AD50C/I
Giải thích chi tiết về linh kiện   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 27Page - Texas Instruments TLC320AD50C/I Datasheet HTML 28Page - Texas Instruments TLC320AD50C/I Datasheet HTML 29Page - Texas Instruments TLC320AD50C/I Datasheet HTML 30Page - Texas Instruments TLC320AD50C/I Datasheet HTML 31Page - Texas Instruments TLC320AD50C/I Datasheet HTML 32Page - Texas Instruments TLC320AD50C/I Datasheet HTML 33Page - Texas Instruments TLC320AD50C/I Datasheet HTML 34Page - Texas Instruments TLC320AD50C/I Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
3–4
3.3
Conversion Rate Versus Serial Port
The SCLK frequency is set equal to the frequency of the frame-sync signal (FS) multiplied by 256. The conversion
rate or sample rate is equal to the frequency of FS.
3.4
Phone Mode Control
Phone mode control is provided for applications that need hardware control and monitoring of external events. By
allowing the device to drive the FLAG terminal (set through control 2 register), the host DSP is capable of system
control through the same serial port that connects the device. Along with this control is the capability of monitoring
the value of the ALTDATA terminal during a secondary communication cycle. One application for this function is in
monitoring RING DETECT or OFFHOOK DETECT from a phone answering system. FLAG allows response to these
incoming control signals. Figure 3–6 shows the timing associated with this operating mode.
DOUT
(see Note A)
FS
Register Data
(8-Bits)
PS
8-Bits
16-Bits
DOUT
(see Note B)
ALTDATA
NOTES: A. When DIN performs a read operation (set D13 to 1) during secondary communication.
B. When DIN perform a write operation (set D13 to 0) during secondary communication.
Figure 3–6. Phone Mode Timing When Phone Mode Is Enabled
3.5
DIN and DOUT Data Format
3.5.1
Primary Serial Communication DIN and DOUT Data Format (Figure 3–7)
DOUT
16-Bit Mode
A/D and D/A Data
D15 – D0
A/D and D/A Data
D15 – D1
D15 – D0
D15 – D1
D0
D0
DIN
16-Bit Mode
DOUT
(15+1) Bit Mode
DIN
(15+1) Bit Mode
Secondary
Communication Request
M/S Bit
Figure 3–7. Primary Communication DIN and DOUT Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com