| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6724 bảng dữ liệu(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 bảng dữ liệu(HTML) 99 Page - STMicroelectronics |
|
99 / 118 page ![]() VS6724 Programming model and register description 99/118 Special effects control Table 49. Special effects control Index SpecialEffectsControl(1) 0x2480 fNegative Default value <0> FALSE Purpose INverse of image generated Type Flag_e Possible values <0> FALSE <1> TRUE 0x2482 fSolarising Default value <0> FALSE Purpose Colors reversed and edges enhanced to give solarizing effect Type Flag_e Possible values <0> FALSE <1> TRUE 0x2484 fSketch Default value <0> FALSE Purpose Edges of the image enhanced and output to give the impression of a pencil sketch Type Flag_e Possible values <0> FALSE <1> TRUE 0x2486 fEmboss Default value <0> FALSE Purpose Uses mathematical functions to create the effect that the image detail is raised above the surface of the background Type Flag_e Possible values <0> FALSE <1> TRUE |