| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6724 bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 118 page ![]() Programming model and register description VS6724 98/118 NoRA controls Table 48. NoRA controls Index NoRAControls(1) 0x2400 fDisable Default value <0> NoraCtrl_auto Type Flag_e Possible values <0> NoraCtrl_auto - switches off NoRA for scaled outputs <1> NoraCtrl_ManuDisable - Always off <2> NoraCtrl_ManuEnable - Always on 0x2402 bUsage Default value 0x04 Purpose Type BYTE 0x240a fDisableNoroPromoting Default value <0> FALSE Type Flag_e Possible values <0> FALSE <1> TRUE 0x240d (MSByte) 0x240e(LSByte) fpDamperLowThreshold Default value 0x6862 (2498560) Purpose Low Threshold for exposure for calculating the damper slope Type FLOAT 0x2411 (MSByte) 0x2412(LSByte) fpDamperHighThreshold Default value 0x6a62 (4997120) Purpose High Threshold for exposure for calculating the damper slope Type FLOAT 0x2415 (MSByte) 0x2416(LSByte) MinimumDamperOutput Default value 0x3a00 (0.2500) Purpose Minimum possible damper output. Type FLOAT 1. Can be controlled in all stable states |