| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6724 bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 118 page ![]() VS6724 Programming model and register description 63/118 0x0425(MSB) 0x0426(LSB) uwManualCropHorizontalSize1 Default value 0x00 Purpose Set the cropping H size Type UINT16 0x0429(MSB) 0x042a(LSB) uwManualCropVerticalStart1 Default value 0x00 Purpose Set the cropping Vstart address Type UINT16 0x042d(MSB) 0x042e(LSB) uwManualCropVerticalSize1 Default value 0x00 Purpose Set the cropping Vsize Type UINT16 0x0430 bImageFormat1(2) Default value <0> ImageFormat_YCbCr_JFIF Purpose select required output image format. Type CODED Possible values <0> ImageFormat_YCbCr_JFIF <1> ImageFormat_YCbCr_Rec601 <2> ImageFormat_YCbCr_Custom - to use custom output select required RgbToYCbCr OutputSignalRange from 'PipeContext' page. <3> ImageFormat_YCbCr_400 <4> ImageFormat_RGB_565 <5> ImageFormat_RGB_565_Custom - to use custom output select required RgbToYCbCr OutputSignalRange from 'PipeContext' page. <6> ImageFormat_RGB_444 <7> ImageFormat_RGB_444_Custom - to use custom output select required RgbToYCbCr OutputSignalRange from 'PipeContext' page. <9> ImageFormat_Bayer10ThroughVP <10> ImageFormat_Bayer8ThroughVP-- to truncate Bayer data to 8 bits data <11> JPEG 4:2:2 0x0432 bBayerOutputAlignment1 Default value <4> BayerOutputAlignment_RightShifted Purpose set Bayer output alignment Type CODED Possible values <4> BayerOutputAlignment_RightShifted <5> BayerOutputAlignment_LeftShifted Table 15. PipeContext1 (continued) Index PipeContext1(1) |