| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6724 bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 118 page ![]() VS6724 Programming model and register description 79/118 Image stability [read only] 0x1514 fEnableConstrainedWhiteBalance Default value 0.4223636 Purpose Maximum Digital Gain applied by the auto exposure system Type CODED Possible values <0> FALSE <1> TRUE 1. Can be controlled in all stable states Table 30. White balance constrainer controls (continued) Index WhiteBalanceConstrainerControls(1) Table 31. Image stability [read only] Index Image stability [read only] 0x1800 fWhiteBalanceStable Default value 0x00 Purpose Indicated that white balance system is stable/unstable Type CODED Possible values <0> Unstable <1> Stable 01802 fExposureStable Default value 0x00 Purpose Indicated that the exposure system is stable/unstable Type CODED Possible values <0> Unstable <1> Stable 0x1808 fStable Default value 0x00 Purpose Consolidated flag to indicate whether the system is stable/unstable Type CODED Possible values <0> Unstable <1> Stable |