| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6724 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 118 page ![]() Functional description VS6724 30/118 Note: False synchronization codes are avoided in the LSByte by adding or subtracting a value of one, dependent on detection of a 0 code or 255 code respectively. Figure 15. YCbCr 4:0:0 format encapsulated in ITU stream See Dither control for user interface control of output data formats. 2.9.5 RGB and Bayer 10 bit data formats The VS6724 can output data in the following formats: ● RGB565 ● RGB444 (encapsulated as RGB565) ● RGB444 (zero padded) ● Bayer 10-bit Note: Pixels in Bayer 10-bit data output are defect corrected, correctly exposed and white balanced. Any or all of these functions can be disabled. In each of these modes 2 bytes of data are required for each output pixel. The encapsulation of the data is shown in Table 16. F F 0 0 0 0 X Y EAV code START OF DIGITAL ACTIVE LINE D 4 D 5 D 6 D 7 D 0 D 1 D 2 D 3 D 8 D 9 YCbCr 4:0:0 F F 0 0 0 0 X Y where: Pixeln = Yn[7:0] .................. .................. |