| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6724 bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 118 page ![]() Programming model and register description VS6724 76/118 White balance control 0x121d(MSByte) 0x121e(LSByte) fpCompiledExposureTime_us Purpose Time in µsecond that the system uses Type FLOAT 0x1285(MSByte) 0x1286(LSByte) fpFinalDesiredExposureTime_us Purpose Absolute time in µsecond that the system would like to use for correct exposure, this is the value which is used to control the dampers Type FLOAT Table 28. Exposure status [read only] (continued) Index ExposureStatus [read only] Table 29. White balance control Index WBControlParameters(1) 0x1380 bWhiteBalanceMode Default value <1> AUTOMATIC Purpose For setting Mode of the white balance Type CODED possible values <0> OFF - No White balance, all gains will be unity in this mode <1> AUTOMATIC - Automatic mode, relative step is computed here <3> MANUAL_RGB - User manual mode, gains are applied manually <4> DAYLIGHT_PRESET - DAYLIGHT and all the modes below, fixed value of gains are applied here. <5> TUNGSTEN_PRESET <6> FLUORESCENT_PRESET <7> HORIZON_PRESET <8> MANUAL_color_TEMP <9> FLASHGUN_PRESET 0x1382 bManualRedGain Default value 0x00 Purpose User setting for Red Channel gain Type BYTE possible values 0 to 255 Applied_Red_Gain = (1 + bManualRedGain / 128) / MinGain Where MinGain = the smallest value from either Applied_Red_Gain, Applied_Green_Gain or Applied_Blue_Gain |