| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6724 bảng dữ liệu(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 bảng dữ liệu(HTML) 101 Page - STMicroelectronics |
|
101 / 118 page ![]() VS6724 Programming model and register description 101/118 JPEG image characteristics Table 50. JPEG image characteristics Index JPEGImageCharacteristics(1) 0x23b4 bJPEG_Fill_Val Default value 0xa5 Purpose Value of padding bytes inserted at the end of the JPEG data sequence to fill the final packet, must equal bJPEG_Padding Type BYTE 0x23b6 bJPEG_Padding Default value 0xa5 Purpose Value of padding bytes inserted at the end of the JPEG data sequence to fill the final packet, must equal bJPEG_Fill_Val Type BYTE 0x2508 bHiSqueezeValue Default value 0x18 Purpose Sets squeeze factor for HIgh Quality Type BYTE Possible values The Squeeze value can be programmed between the range 6 (Highest quality) to 255 (Low quality) 0x2508 bMedSqueezeValue Default value 0x20 Purpose Sets squeeze factor for Medium Quality Type BYTE 0x2508 bLowSqueezeValue Default value 0x28 Purpose Sets squeeze factor for Low Quality Type BYTE 0x2511 0x2512 uwLinelength Default value 0x0200 Purpose Sets the number of bytes of JPEG data are present in each Packet (line), must equal uwThres Type WORD |