công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN3310BBCZ bảng dữ liệu(PDF) 19 Page - Analog Devices

tên linh kiện ADIN3310BBCZ
Giải thích chi tiết về linh kiện  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ bảng dữ liệu(HTML) 19 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 15Page - Analog Devices ADIN3310BBCZ Datasheet HTML 16Page - Analog Devices ADIN3310BBCZ Datasheet HTML 17Page - Analog Devices ADIN3310BBCZ Datasheet HTML 18Page - Analog Devices ADIN3310BBCZ Datasheet HTML 19Page - Analog Devices ADIN3310BBCZ Datasheet HTML 20Page - Analog Devices ADIN3310BBCZ Datasheet HTML 21Page - Analog Devices ADIN3310BBCZ Datasheet HTML 22Page - Analog Devices ADIN3310BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 19 of 86
Table 9. Absolute Maximum Ratings
Parameter
Rating
VDD3P3 to VSS3P3
−0.3 V to +3.63 V
VDDCORE to DGND
−0.3 V to +1.26 V
VDDCORE_PLL to VSSCORE_DLL
−0.3 V to +1.26 V
VDDCORE_DLL to VSSCORE_DLL
−0.3 V to +1.26 V
VDD_SGMII to VSS_SGMII
−0.3 V to +3.63 V
VDDIO_A to DGND
−0.3 V to +3.63 V
VDDIO_B to DGND
−0.3 V to +3.63 V
VSS3P3 to DGND
−0.3 V to +0.3 V
VSSCORE_x to DGND
−0.3 V to +0.3 V
VSS_SGMII to VSS3P3
−0.3 V to +0.3 V
Port 0 RMII/RGMII MAC Interface to GND
(P0_TXxx and P0_RXxx)1
−0.3 V to VDDIO_A + 0.3 V
Port 1 to Port 5 RMII/RGMII MAC Interface to
GND (Px_TXxx and Px_RXxx)2
−0.3 V to VDDIO_B + 0.3 V
SGMII MAC Interface to GND (Px_STXN,
Px_STXPxx)
−0.3 V to VDDCORE + 0.3 V
SGMII MAC Interface to GND (Px_SRXN,
Px_SRXPxx)
−0.3 V to VDDCORE + 0.5 V
XTAL_IN, CLK_IN, XTAL_OUT, and CLK_OUT
−0.3 V to VDD3P3 + 0.3 V
RESET_N, TIMERx, GPIOx, TDO, TDI, TCK,
TMS, and TEST_EN
−0.3 V to VDDIO_A + 0.3 V
SPI (SPI_xx) to DGND
−0.3 V to VDDIO_A + 0.3 V
Management Interface (MDC and MDIO)
−0.3 V to +3.63 V
Temperature
Industrial
−40°C to +105°C
Storage Range
−65°C to +150°C
TJ Maximum
125°C
Lead
JEDEC industry-standard
Power Dissipation
(TJ maximum − TA)/θJA
Soldering
J-STD-020
1 All Port 0 pins, including P0_LINK and P0_RSTN.
2 All Port 1 to Port 5 pins including Px_LINK and Px_RSTN.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Close attention to PCB thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 10. Thermal Resistance
Package Type
θJA
θJC
Unit
256-Ball CSP_BGA
20.841
5.961
°C/W
202
Not applicable
°C/W
196-Ball CSP_BGA
211
91
°C/W
202
Not applicable
°C/W
1 Based on simulated data using a JEDEC 2s2p thermal test board (with
enhanced cu density) in a JEDEC natural convection environment. See JEDEC
specification JESD-51 for details.
2 Test Condition 1: thermal impedance measured on Analog Devices, Inc.,
hardware, 4S4P test board.
ELECTROMAGNETIC COMPATIBILITY (EMC)
PERFORMANCE
EMC testing was performed using the EVAL-ADIN6310EBZ evalua-
tion hardware against the following EMC test standards:
►
IEC 61000-4-5 surge (Class A ±4 kV)
►
IEC 61000-4-4 electrical fast transient (EFT) (Class A ±1 kV,
Class B ±4 kV)
►
IEC 61000-4-2 ESD (Class A ±4 kV, Class B ±8 kV contact
discharge)
►
IEC 61000-4-3 radiated immunity
►
80 MHz to 1 GHz (Class A: 10 V/m)
►
1 GHz to 3.2 GHz (Class A: 3 V/m)
►
3.2 GHz to 6 GHz (Class A: 1 V/m)
►
IEC 61000-4-6 conducted immunity (Class A: 10 V)
►
EN 55032 radiated emissions (Class A)
►
EN 55032 conducted emissions (Class B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com