công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN3310BBCZ bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADIN3310BBCZ
Giải thích chi tiết về linh kiện  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 3Page - Analog Devices ADIN3310BBCZ Datasheet HTML 4Page - Analog Devices ADIN3310BBCZ Datasheet HTML 5Page - Analog Devices ADIN3310BBCZ Datasheet HTML 6Page - Analog Devices ADIN3310BBCZ Datasheet HTML 7Page - Analog Devices ADIN3310BBCZ Datasheet HTML 8Page - Analog Devices ADIN3310BBCZ Datasheet HTML 9Page - Analog Devices ADIN3310BBCZ Datasheet HTML 10Page - Analog Devices ADIN3310BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
SPECIFICATIONS
analog.com
Rev. A | 7 of 86
VDD3P3 = 3.3 V, VDDCORE = 1.1 V, VDDIO_A = 2.5 V, VDDIO_B = 1.8 V, VDD_SGMII = 3.3 V, and specifications valid over operating
temperature range, TA = −40°C to +105°C, unless otherwise noted.
Table 1. Electrical Characteristics1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Supply Voltages
VDD3P3
3.135
3.3
3.465
V
3.3 V ± 5%
VDDCORE
1.045
1.1
1.155
V
1.1 V ± 5%
VDDIO_A
3.135
3.3
3.465
V
3.3 V ± 5%
2.250
2.5
2.750
V
2.5 V ± 10%
1.71
1.8
1.89
V
1.8 V ± 5%
VDDIO_B
3.135
3.3
3.465
V
3.3 V ± 5%
2.250
2.5
2.750
V
2.5 V ± 10%
1.71
1.8
1.89
V
1.8 V ± 5%
VDD_SGMII
3.135
3.3
3.465
V
3.3 V ± 5%
POWER CONSUMPTION
12 pF total capacitance on reduced gigabit media
independent interface (RGMII) and reduced media
independent interface (RMII) transmit lines includes
package parasitics; 100% data throughput, full activity
ADIN6310 CURRENT AND POWER
RGMII 1000 Mbps
25°C; this is for all six ports; no SGMII contribution
VDD3P3 Current (IVDD3P3)
7
mA
VDDCORE Current (IVDDCORE)
165
mA
VDDIO_A Current (IVDDIO_A)
20
mA
VDDIO_A = 2.5 V
VDDIO_B Current (IVDDIO_B)2
93
mA
VDDIO_B = 2.5 V
65
mA
VDDIO_B = 1.8 V
Total Power
372
mW
Including static current with VDDIO_A = 2.5 V, VDDIO_B
= 1.8 V
RGMII 100 Mbps
25°C; this is for all six ports; no SGMII contribution
VDD3P3 Current (IVDD3P3)
7
mA
VDDCORE Current (IVDDCORE)
130
mA
VDDIO_A Current (IVDDIO_A)
4
mA
VDDIO_A = 2.5 V
VDDIO_B Current (IVDDIO_B)
23
mA
VDDIO_B = 3.3 V
16
mA
VDDIO_B = 2.5 V
11
mA
VDDIO_B = 1.8 V
Total Power
196
mW
VDDIO_A = 2.5 V, VDDIO_B = 1.8 V
RGMII 10 Mbps
25°C; this is for all six ports; no SGMII contribution
VDD3P3 Current (IVDD3P3)
7
mA
VDDCORE Current (IVDDCORE)
124
mA
VDDIO_A Current (IVDDIO_A)
1
mA
VDDIO_A = 2.5 V
VDDIO_B Current (IVDDIO_B)
8
mA
VDDIO_B = 3.3 V
5
mA
VDDIO_B = 2.5 V
3
mA
VDDIO_B = 1.8 V
Total Power
167
mW
VDDIO_A = 2.5 V, VDDIO_B = 1.8 V
Two SGMII and Four RGMII 1000 Mbps
25°C; this is for two SGMII and four RGMII ports
VDD3P3 Current (IVDD3P3)
7
mA
VDD_SGMII (IVDDSGMII)
10
mA
VDDCORE Current (IVDDCORE)
200
mA
VDDIO_A Current (IVDDIO_A)
20
mA
VDDIO_A = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com