công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN3310BBCZ bảng dữ liệu(PDF) 76 Page - Analog Devices

tên linh kiện ADIN3310BBCZ
Giải thích chi tiết về linh kiện  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ bảng dữ liệu(HTML) 76 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 72Page - Analog Devices ADIN3310BBCZ Datasheet HTML 73Page - Analog Devices ADIN3310BBCZ Datasheet HTML 74Page - Analog Devices ADIN3310BBCZ Datasheet HTML 75Page - Analog Devices ADIN3310BBCZ Datasheet HTML 76Page - Analog Devices ADIN3310BBCZ Datasheet HTML 77Page - Analog Devices ADIN3310BBCZ Datasheet HTML 78Page - Analog Devices ADIN3310BBCZ Datasheet HTML 79Page - Analog Devices ADIN3310BBCZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
APPLICATIONS INFORMATION
analog.com
Rev. A | 76 of 86
APPLICATION USE CASES
6-Port Configuration
The ADIN6310 is designed for use in programmable logic controller
(PLC), distributed control system (DCS), or remote input and output
units where it provides scalable port counts to enable connection of
external devices within the automation environment. The first use
case for the ADIN6310, shown in Figure 59, illustrates a 6-port
switch configuration where the host processor interfaces with the
ADIN6310 through the SPI (standard SPI, dual SPI, or quad SPI)
only to enable all six ports to be used for connection to external
devices.
The Ethernet PHYs can be a mix of different speed PHYs using
the ADIN1300 10 Mbps, 100 Mbps, and 1000 Mbps and ADIN1200
10 Mbps and 100 Mbps devices. The interface shown between
the ADIN6310 and ADIN1200 is RGMII, but it could also be RMII;
however, RGMII is preferred because of latency, ease of PHY
addressing, and simplification of the clocking requirement (because
the voltage domain between the ADIN6310 and ADIN1200 can
differ).
Similarly, the 6-port switch can be configured to provide four ex-
ternal ports connecting to factory cells, human machine interface
(HMI), robots, vision systems, or other inputs, and the remaining
two ports can be used for internal connection to the PLC backplane
with one Ethernet connection to the host processor via RGMII.
Figure 59 also shows the host interface residing on the optional
separate VDDIO_A voltage domain, which includes Port 0, the SPI,
timers, and GPIO. The PHYs on Port 2 through Port 5 reside on
the VDDIO_B voltage domain and can run from a different voltage
than VDDIO_A. If a PHY is used on Port 0, this also resides on
the VDDIO_A voltage domain; therefore, some level shifting may be
required.
The supply voltage requirements for the switch can be satisfied
by using the LTM4668A module, which provides four voltage rails.
There are two common voltage rails (VDDIO and AVDD3P3) be-
tween the ADIN6310 and the ADIN1300 PHYs; however, the PHY
requires an additional 0.9 V rail, and the switch also requires a 1.1
V rail.
Figure 59. Application Circuit for 6-Port Switch Use Case Where the Host Processor Interface Is via SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com