công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN3310BBCZ bảng dữ liệu(PDF) 33 Page - Analog Devices

tên linh kiện ADIN3310BBCZ
Giải thích chi tiết về linh kiện  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ bảng dữ liệu(HTML) 33 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 29Page - Analog Devices ADIN3310BBCZ Datasheet HTML 30Page - Analog Devices ADIN3310BBCZ Datasheet HTML 31Page - Analog Devices ADIN3310BBCZ Datasheet HTML 32Page - Analog Devices ADIN3310BBCZ Datasheet HTML 33Page - Analog Devices ADIN3310BBCZ Datasheet HTML 34Page - Analog Devices ADIN3310BBCZ Datasheet HTML 35Page - Analog Devices ADIN3310BBCZ Datasheet HTML 36Page - Analog Devices ADIN3310BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
THEORY OF OPERATION
analog.com
Rev. A | 33 of 86
SWITCH OVERVIEW
The ADIN3310 and ADIN6310 are 3-port and 6-port Gigabit Ether-
net TSN switches with integrated security primarily designed for
industrial Ethernet applications. Each port can be configured to op-
erate at different speeds. These switches are designed to pair with
Analog Devices PHY layer devices, such as ADIN1100, ADIN1200,
and ADIN1300, to form a low power, low latency system over
RMII and RGMII. Optionally four of the ADIN6310 ports and two of
the ADIN3310 ports support SGMII and serdes interfaces allowing
backplane connections and connectivity to SFP modules.
Throughout this data sheet, references to the switch apply to both
the ADIN3310 and the ADIN6310. The only difference between the
two devices is the number of ports.
The switch supports the suite of IEEE 802.1 time sensitive net-
working bridging features required by the IEEE 60802 standard
providing QoS for latency sensitive streams.
The device also includes hardware capabilities to support PRP or
HSR redundancy protocols, thereby offloading the host processor.
For legacy support, two of the ports (Port 1 and Port 2) integrate
Analog Devices proprietary real-time Ethernet multiprotocol switch
(REMS) technology that allows simple interfacing to classical 100
Mbps industrial Ethernet protocols, such as the following:
►
PROFINET RT (Class B) and PROFINET IRT (Class C)
►
EtherNet/IP with device level ring (DLR)
►
POWERLINK
►
Modbus TCP
Software drivers are provided for the host to work in conjunction
with the switch to implement the industrial Ethernet protocol stacks.
Two host interface options are supported: Ethernet or SPI standard,
dual, or quad SPI). If an Ethernet host interface is selected, this
port can operate as a control plane and a data plane to the host,
leaving five or two Ethernet ports available for industrial Ethernet
applications, for the ADIN6310 or ADIN3310, respectively. The host
interface may be on a different voltage domain than the connections
to the external PHY layer devices, VDDIO_A vs. VDDIO_B, allow-
ing flexibility in choosing these voltages to allow simple interfacing
while conserving power.
PORT OVERVIEW
Figure 24 shows a simplified overview of a port transmit and
receive. The port front end supports RGMII and RMII on all six ports
and SGMII on four ports (Port 1 to Port 4) of the ADIN6310, and the
ports are independent; therefore, they can operate different speeds
or interfaces. Interface details are discussed further in the Ethernet
Interfaces section.
During initial configuration, the host configures the switch ports for
the desired connectivity using the SES_InitializePorts() application
programing interface (API) (see the SES_switch.h file for further
details, which is available as part of the software drivers from the
ADIN6310 product page). As part of this configuration, the user has
the ability to enable all ports or keep unused ports disabled. The
host identifies how each port must be configured, what MAC inter-
face, port speed, and whether there is an Ethernet PHY connected
to the port. The initialization can also perform any PHY-related
configuration needed.
The receive MAC processes the incoming frame by checking
whether the frame size is within the minimum and maximum rang-
es, verifying the interframe gap (IFG), the preamble and the start
frame delimiter (SFD), determining if the frame is preemptable or
has been preempted, and assessing the start mPacket delimiter
(SMD) value, order, and fragment count. The destination address,
source address, and VLAN tag are extracted for use in filtering
and address lookup, and the MAC calculates the cyclic redundancy
check (CRC) of the frame and compares it to the frame check
sequence (FSC). Any frames found to be in error are discarded.
Frames that pass the various checks continue to be processed
through the receive path.
While the various checks are happening, the frame is being for-
warded onto the receive path to be passed to the transmit paths of
the other ports. The transmit ports buffer the frame until all appropri-
ate information is gathered and routing decisions are complete.
Figure 24. Simplified Port Transmit and Receive
The transmit block for each port supports eight priority queues and
implements strict priority scheduling by default.
MAC, eMAC, and pMAC
The MAC consists of an express MAC (eMAC) and a preemptable
MAC (pMAC) to support frame preemption (Qbu). The eMAC unit
handles packets from the express queues and is capable of send-
ing cut-through or store and forward packets. The pMAC handles
packets from the preemptable queues and also monitors express
queues to determine whether to fragment an active preemptable
packet. The MAC verifies proper assembly of preemptable traffic
by verifying proper order and combination of SMDs, continuation
SMDs (SMD-Cs), and fragmentation counts, it also identifies any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com