công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN3310BBCZ bảng dữ liệu(PDF) 79 Page - Analog Devices

tên linh kiện ADIN3310BBCZ
Giải thích chi tiết về linh kiện  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ bảng dữ liệu(HTML) 79 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 75Page - Analog Devices ADIN3310BBCZ Datasheet HTML 76Page - Analog Devices ADIN3310BBCZ Datasheet HTML 77Page - Analog Devices ADIN3310BBCZ Datasheet HTML 78Page - Analog Devices ADIN3310BBCZ Datasheet HTML 79Page - Analog Devices ADIN3310BBCZ Datasheet HTML 80Page - Analog Devices ADIN3310BBCZ Datasheet HTML 81Page - Analog Devices ADIN3310BBCZ Datasheet HTML 82Page - Analog Devices ADIN3310BBCZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
APPLICATIONS INFORMATION
analog.com
Rev. A | 79 of 86
Cascading Multiple Switches
Larger port counts can be built by cascading multiple switches
as shown in Figure 62. The host processor manages the switch
configuration and is connected via the SPI to the primary switch
in the chain. Two ports of the primary device can be used for
trunk connections to the Ethernet network, and one port as an
interconnection to the chain of secondary switches. The intercon-
nect is either RGMII or SGMII, with SGMII preferred due to the
reduced number of traces required and its capability to route over
longer traces and across connectors. The EVAL-ADIN6310T1LEBZ
version of hardware exposes the SGMII differential pairs through
SMA connectors to enable cascading of switches for evaluation
purposes. When cascading using this interface, options to configure
the switch with 1000BASE-KX, 100BASE-FX, or SGMII mode of
operation. If using SGMII mode and connecting directly to anoth-
er ADIN6310 device, configure both sides to match and disable
autonegotiation for that port. The interconnect consumes two ports
on each secondary switch device, leaving four ports available to
connect to the ADIN1100 10BASE-T1L PHYs per switch; therefore,
each additional switch adds four spur ports to the system.
Figure 62. Cascading Multiple Switches to Build a Larger Field Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com