công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN3310BBCZ bảng dữ liệu(PDF) 46 Page - Analog Devices

tên linh kiện ADIN3310BBCZ
Giải thích chi tiết về linh kiện  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ bảng dữ liệu(HTML) 46 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 42Page - Analog Devices ADIN3310BBCZ Datasheet HTML 43Page - Analog Devices ADIN3310BBCZ Datasheet HTML 44Page - Analog Devices ADIN3310BBCZ Datasheet HTML 45Page - Analog Devices ADIN3310BBCZ Datasheet HTML 46Page - Analog Devices ADIN3310BBCZ Datasheet HTML 47Page - Analog Devices ADIN3310BBCZ Datasheet HTML 48Page - Analog Devices ADIN3310BBCZ Datasheet HTML 49Page - Analog Devices ADIN3310BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
INTERFACES
analog.com
Rev. A | 46 of 86
Communication over SPI
In applications using any of the SPI options as the host interface
to the switch, the switch uses the TIMER0 hardware pin as an
interrupt to indicate availability of data to the host. If the host
uses Ethernet as the preferred interface, then the TIMER0 pin
does not act as interrupt pin and is available as a timer pin.
For all SPI modes, the host must connect the TIMER0 pin to an
available GPIO pin on the host. A rising edge event on this pin
must trigger a software interrupt on the host side to prompt a read
of the message from the switch. In this interrupt service routine,
the hardware abstract layer (HAL) interface read function must be
called to read data from the scaleable Ethernet switch (SES) and
then call the SES_ReceiveMessage() API of the driver, which is
available as part of the software drivers from the ADIN6310 product
page. The response from the SES for this interface read call results
in the length of bytes available to read from the switch. The host
must call another HAL interface read with this length of bytes to
the switch. Finally, the response data of this call must be passed
to the SES_ReceiveMessage() API. Ideally, the host dedicates a
separate thread for this event or has a interrupt service routine
(ISR).
PHY MDC AND MDIO INTERFACE
The switch has a controller MDC and MDIO interface, which is a
2-wire bus used to manage control and status of the PHY layers
connected to the switch. The PHY layers act as targets on this bus,
each with its own distinct address. The PHY addresses are set with
external strapping resistors that are sampled at reset. Alternatively,
the switch can set unique PHY address directly with dedicated
internal pull-up/pull-down resistors per port. This interface can have
up to 32 target devices connected. The MDIO interface consists of
a clock pin (MDC) and a bidirectional data line (MDIO). The clock
is an output from the switch and an input to the PHY layers. The
MDIO pin requires an external 1.5 kΩ resistor pulled to VDDIO_B.
The data line is typically driven from the switch, except when a read
is commanded to one of the PHY layers.
The bus is controlled by the packet assist engine in the switch. If
an external host processor requires access to the PHY registers, it
must request this access through its general interface and let the
packet assist engine perform the bus transaction. The frame format
is standard for this type of interface, and each instruction consists
of the following:
►
Preamble: establishes synchronization at beginning of the frame.
►
Start of frame: 01 indicates the start of the frame.
►
OP: the operation code indicates the type of frame transaction;
10 for read, and 01 for write.
►
PHYAD: PHY address. MSB first, only the PHY layer with the
matching PHY address responds.
►
REG ADDR: register address, MSB first.
►
TA: used to avoid contention during a read transition, with 2-bit
time spacing between the register address field and data field.
►
DATA: 16-bit field, MSB first.
►
IDLE: high-Z state, the MDIO line is pulled high by the pull-up
resistor.
Table 19. Frame Format
Operation
Preamble
Start of Frame
OP
PHYAD[4:0]
REG ADDR[4:0]
TA
DATA[15:0]
IDLE
Read
32 1s
01
10
AAAAA
RRRRR
Z0
d … d
Z
Write
32 1s
01
01
AAAAA
RRRRR
10
d … d
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com