công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7344 bảng dữ liệu(PDF) 203 Page - PMC-Sierra, Inc

tên linh kiện PM7344
Giải thích chi tiết về linh kiện  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 bảng dữ liệu(HTML) 203 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 199Page - PMC-Sierra, Inc PM7344 Datasheet HTML 200Page - PMC-Sierra, Inc PM7344 Datasheet HTML 201Page - PMC-Sierra, Inc PM7344 Datasheet HTML 202Page - PMC-Sierra, Inc PM7344 Datasheet HTML 203Page - PMC-Sierra, Inc PM7344 Datasheet HTML 204Page - PMC-Sierra, Inc PM7344 Datasheet HTML 205Page - PMC-Sierra, Inc PM7344 Datasheet HTML 206Page - PMC-Sierra, Inc PM7344 Datasheet HTML 207Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
187
HCSE:
The HCSE bit enables the generation of an interrupt when an HCS error is
detected. When a logic 1 is written to HCSE, the interrupt generation is
enabled.
OOCDE:
The OOCDE bit enables the generation of an interrupt when an out of cell
delineation defect is declared or removed. When a logic 1 is written to
OOCDE, the interrupt generation is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More