công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7344 bảng dữ liệu(PDF) 36 Page - PMC-Sierra, Inc

tên linh kiện PM7344
Giải thích chi tiết về linh kiện  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 bảng dữ liệu(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 32Page - PMC-Sierra, Inc PM7344 Datasheet HTML 33Page - PMC-Sierra, Inc PM7344 Datasheet HTML 34Page - PMC-Sierra, Inc PM7344 Datasheet HTML 35Page - PMC-Sierra, Inc PM7344 Datasheet HTML 36Page - PMC-Sierra, Inc PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc PM7344 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
20
Pin Name
Type
Pin
No.
Function
RCLKO
Output
49
Receive Clock Output (RCLKO). This signal is
recovered from the RDP and RDN inputs (if the
input format is dual-rail RZ), or from the RCLKI
input (if the input format is NRZ or if the T1/E1
framers are bypassed). Any one of the four sets
of RDP/RDN or RCLKI signals may be selected
as the source of RCLKO using internal registers.
RDLSIG[4]
RDLSIG[3]
RDLSIG[2]
RDLSIG[1]/
Output
100
99
98
97
Receive Data Link Signal (RDLSIG). The
RDLSIG signal is available on this pin when the
internal HDLC receiver (RFDL) is disabled from
use. When the S/UNI-MPH is configured to
receive T1-ESF formatted data, RDLSIG
contains the data stream extracted from the
facility data link; when the S/UNI-MPH is
configured to receive T1-SF formatted data, the
RDLSIG output is held low; when the S/UNI-
MPH is configured to receive E1 formatted data,
RDLSIG contains the data stream extracted
from timeslot 16 or a data stream made up of
any combination of the national bits. RDLSIG is
updated on the falling edge of RDLCLK.
RDLINT[4]
RDLINT[3]
RDLINT[2]
RDLINT[1]
Receive Data Link Interrupt (RDLINT). The
RDLINT signal is available on this pin when
RFDL is enabled. RDLINT goes high when an
event occurs which changes the status of the
HDLC receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com