công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7344 bảng dữ liệu(PDF) 38 Page - PMC-Sierra, Inc

tên linh kiện PM7344
Giải thích chi tiết về linh kiện  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 bảng dữ liệu(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 34Page - PMC-Sierra, Inc PM7344 Datasheet HTML 35Page - PMC-Sierra, Inc PM7344 Datasheet HTML 36Page - PMC-Sierra, Inc PM7344 Datasheet HTML 37Page - PMC-Sierra, Inc PM7344 Datasheet HTML 38Page - PMC-Sierra, Inc PM7344 Datasheet HTML 39Page - PMC-Sierra, Inc PM7344 Datasheet HTML 40Page - PMC-Sierra, Inc PM7344 Datasheet HTML 41Page - PMC-Sierra, Inc PM7344 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
22
Pin Name
Type
Pin
No.
Function
TDLCLK[4]
TDLCLK[3]
TDLCLK[2]
TDLCLK[1]/
Output
31
30
29
28
Transmit Data Link Clock (TDLCLK). The
TDLCLK signal is available on this pin when the
internal HDLC transmitter (XFDL) is disabled
from use. The rising edge of TDLCLK is used to
sample the data stream contained on the
TDLSIG input. When the S/UNI-MPH is
configured to transmit T1-SF formatted data, or
when the T1/E1 framers are bypassed, TDLCLK
is held low.
TDLUDR[4]
TDLUDR[3]
TDLUDR[2]
TDLUDR[1]
Transmit Data Link Underrun (TDLUDR). The
TDLUDR signal is available on this pin when
XFDL is enabled. TDLUDR goes high when the
processor has failed to service the TDLINT
interrupt before the transmit buffer is emptied.
TCLKO[4]
TCLKO[3]
TCLKO[2]
TCLKO[1]
Output
48
45
25
22
Transmit Clock Output (TCLKO). The TDP,
TDN, and TDD outputs may be enabled to be
updated on the rising or falling edge of TCLKO.
TCLKO is the transmit clock that is adequately
jitter and wander free in absolute terms to permit
an acceptable transmission signal to be
generated. Depending on the configuration of
the S/UNI-MPH, TCLKO may be derived from
TCLKI, RCLKO, or XCLK, with or without jitter
attenuation.
TDP[4]
TDP[3]
TDP[2]
TDP[1]/
Output
46
43
26
23
Transmit Digital Positive Line Pulse (TDP). This
signal is available on the pin when the S/UNI-
MPH is configured to transmit dual-rail data.
The TDP signal can be formatted for either RZ
or NRZ waveforms, and can be enabled to be
updated on the rising or falling edge of TCLKO.
TDD[4]
TDD[3]
TDD[2]
TDD[1]
Transmit Digital Data (TDD). This signal is
available on the pin when the S/UNI-MPH is
configured to transmit single-rail data, or when
the T1/E1 framers are bypassed. The TDD
signal may be enabled to be updated on the
rising or falling edge of TCLKO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com