| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7344 bảng dữ liệu(PDF) 32 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7344 bảng dữ liệu(HTML) 32 Page - PMC-Sierra, Inc |
|
32 / 293 page ![]() PM7344 S/UNI-MPH DATA SHEET PMC-950449 ISSUE 6 MULTI-PHY USER NETWORK INTERFACE PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 16 For both T1 and E1 configurations, the S/UNI-MPH interprets the received frame alignment and extracts the transmission format payload which carries the received ATM cell payload. The S/UNI-MPH frames to the ATM payload using cell delineation. HCS error correction is optionally provided. Idle/unassigned cells may be dropped according to a programmable filter. Cells are also dropped upon detection of an uncorrectable header check sequence error. The ATM cell payloads are descrambled. Valid, assigned cells are written to a four cell FIFO buffer. These cells are read from the FIFO using a synchronous 8 bit wide datapath interface with a cell- based handshake. Counts of received ATM cell headers that are errored and uncorrectable, those that are errored and correctable and all passed cells are accumulated independently for performance monitoring purposes. A multi-PHY interface allows the four receive FIFOs (one for each T1 or E1 port) to be serviced via a single 8 bit wide bus. On the transmit side, when configured for T1 processing, the S/UNI-MPH generates framing for SF and ESF DS1 formats. The S/UNI-MPH can also generate in-band loopback codes, ESF bit oriented codes, and transmit HDLC messages on the ESF data link. On the transmit side, when configured for E1 processing, the S/UNI-MPH generates framing for a basic G.704 2048 kbit/s signal. The signalling multiframe alignment signal may be optionally inserted and the CRC multiframe structure may be optionally inserted. HDLC messages on a data link can be transmitted. The data link may be inserted into timeslot 16 or may be inserted into the national bits. For both T1 and E1 configurations, the S/UNI-MPH generates the transmitted frame and inserts the transmit ATM cell payload into the transmission format payload appropriately. ATM cells are written to an internal programmable-length 4-cell FIFO using a synchronous 8 bit wide datapath interface. Idle/unassigned cells are automatically inserted when the internal FIFO contains less than one cell. The S/UNI-MPH generates of the header check sequence and scrambles the payload of the ATM cells. Each of these transmit ATM cell processing functions can be enabled or bypassed. A multi-PHY interface allows the four transmit FIFOs (one for each T1 or E1 port) to be serviced via a single 8 bit wide bus. The S/UNI-MPH is configured, controlled and monitored via a generic 8-bit microprocessor bus interface. The S/UNI-MPH also provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |