công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 11 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
EM78P311N
8-Bit Microcontroller
Product Specification (V1.0) 10.02.2006
• 7
(This specification is subject to change without further notice)
Bit 3 (P):
Power down bit. Set to “1” during power on or by a "WDTC" command and
reset to “0” by a "SLEP" command.
Bit 2 (Z):
Zero flag. Set to "1" if the result of an arithmetic or logic operation is
zero.
Bit 1 (DC) :
Auxiliary carry flag
Bit 0 (C) :
Carry flag
R4 (RAM Select Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GRBS1
RBS0
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
Bit 7: 6 ( GRBS1: GRBS0 ):
determine which general purpose banks are activated
among the two banks. Use BANK instruction (e.g. BABK 1) to change bank.
GRBS1
GRBS0
General Purpose Register Bank (Address 20H ~ 3FH)
0
0
Bank 0
0
1
Bank 1
Bit 5: 0 ( RSR5 : RSR0 ):
used to select the registers (Address: 00h~3Fh) in indirect
addressing mode. If no indirect addressing is used, the RSR can be used as
an 8-bit general-purpose read/write register. See the data memory
configuration in Fig. 5-2.
R5 (System Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
PS0
0
1
SIS
REM
Bit 4 (PS0):
ROM Page select bits. User can use PAGE instruction (e.g. PAGE 1) or set
PS0 bits to change the ROM page. When executing a "JMP", "CALL", or other
instructions which cause the program counter to change (e.g. MOV R2, A),
PS0 are loaded into the 11th bit of the program counter and select one of the
available program memory pages. Note that RET (RETL, RETI) instruction
does not change the PS0 bits. That is, return will always be to the page from
where the subroutine was called, regardless of the PS0 bits current setting.
PS0
Program Memory Page [Address]
0
Page 0 [0000~03FF]
1
Page 1 [0400~07FF]
Bit 1 ( SIS ) :
Sleep and Idle mode select
SIS = “0” :
Idle mode
SIS = “1” :
Sleep mode
Bit 0 ( REM )
: Release method for sleep mode
REM = “0” :
/SLEEP pin input rising edge released
REM = “1” :
/SLEEP pin input “H” level released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com