công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 33 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
EM78P311N
8-Bit Microcontroller
Product Specification (V1.0) 10.02.2006
• 29
(This specification is subject to change without further notice)
The figure below shows the general format of one character sent or received. The
communication channel is normally held in the marked state (high). Character
transmission or reception starts with a transition to the space state (low).
The first bit transmitted or received is the start bit (low). It is followed by the data bits, in
which the least significant bit (LSB) comes first. The data bits are followed by the parity
bit. If present, then the stop bit or bits (high) confirm the end of the frame.
In receiving, the UART synchronizes on the falling edge of the start bit. When two or
three “0” are detected during three samples, it is recognized as normal start bit and the
receiving operation is started.
START
bit
D0
D1
D2
Dn
Parity
bit
STOP
bit
1 bit
7 or 8 bits
One character or frame
1 bit
1 bits
Idle state
(mark)
I
Fig. 5-11 Data Format in UART
5.7.1 UART Mode
There are three UART modes. Mode 1 (7 bits data) and Mode 2 (8 bits data) allow the
addition of a parity bit. The parity bit addition is not available in Mode 3. The Figure
below shows the data format in each mode.
UMODE
PRE
0
0
0
0
0
1
0
1
0
0
1
1
1
0
X
123
45
11
10
9
8
7
6
START
STOP
7 bits DATA
START
STOP
7 bits DATA
Parity
START
STOP
8 bits DATA
START
STOP
8 bits DATA
Parity
START
STOP
9 bits DATA
Mode 1
Mode 3
Mode 2
Fig. 5-12 UART Mode
5.7.2 Transmitting
In transmitting serial data, the UART operates as follows:
1. Set the TXE bit of the URC1 register to enable the UART transmission function.
2. Write data into the URTD register and the UTBE bit of the URC1 register will be set
by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com