công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 57 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 57 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 61Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
EM78P311N
8-Bit Microcontroller
Product Specification (V1.0) 10.02.2006
• 53
(This specification is subject to change without further notice)
Table13. RC Oscillator Frequencies
Cext
Rext
Average Fosc 5V, 25
°C Average Fosc 3V, 25°C
3.3k
4.32 MHz
3.56 MHz
5.1k
2.83 MHz
2.8 MHz
10k
1.62 MHz
1.57 MHz
20 pF
100k
184kHz
187kHz
3.3k
1.39 MHz
1.35 MHz
5.1k
950kHz
930kHz
10k
500kHz
490kHz
100 pF
100k
54kHz
55kHz
3.3k
580kHz
550kHz
5.1k
390kHz
380kHz
10k
200kHz
200kHz
300 pF
100k
21kHz
21kHz
Note:
1: Measured based on DIP packages.
2: The values are for design reference only.
5.17 Code Option Register
The EM78P311N has one CODE option word that is not part of the normal program
memory. The option bits cannot be accessed during normal program execution.
Code Option Register and Customer ID Register arrangement distribution:
Word 0
Word 1
Word 2
Bit 12~Bit 0
Bit 12~Bit 0
Bit 12~Bit 0
5.17.1 Code Option Register (Word 0)
Word 0
Bit 12 ~ 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CLKS
ENWDTB
CYES
-
OSC
HLP
PR2
PR1
PR0
Bit 12 ~ 9 :
Not used
Bit 8 (CLKS) :
Instruction period option bit
CLKS = “0” :
two oscillator periods
CLKS = “1” :
four oscillator periods.
Refer to the Instruction Set section.
Bit 7 (ENWDTB) :
Watchdog timer enable bit
ENWDTB = “0” :
Enable
ENWDTB = “1” :
Disable
Bit 6 (CYES) :
Cycle selection for JMP, CALL instruction
CYES = “0” :
One cycle
CYES = “1” :
Two cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com