công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 46 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
EM78P311N
8-Bit Microcontroller
42
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
5.13 I/O Ports
The I/O registers, Port 6, Port 7, Port 8, and Port 9 are bi-directional tri-state I/O ports.
Each I/O pin can be defined as “input” or “output” pin by the I/O control register (IOC6 ~
IOC9). The I/O registers and I/O control registers are both readable and writable. The
I/O interface circuits for Port 6, Port 7, Port 8, and Port 9 are shown in Fig. 5-26.
PD RD
Q
Q
CLK
D
P
R
C
L
PCW R
PDW R
Q
Q
CLK
D
P
R
C
L
PO RT
0
1
M
U
X
IO D
PCRD
Fig. 5-27 The I/O Port and I/O Control Register Circuit
5.14 Reset and Wake-up
5.14.1 Reset
A reset is initiated by one of the following events:
(1) Power-on reset
(2) /RESET pin input “low”
(3) WDT timeout. (if enabled)
The device is kept in a reset condition for a period of approx. 18ms
1 (one oscillator
start-up timer period) after the reset is detected. Once a RESET occurs, the following
functions are performed.
The oscillator starts or is running
The Program Counter (R2) is reset to all “0”.
When power is switched on, the upper two bits of R3, the upper two bits of R4 and
the Bits 6 ~ 4 of R5 are cleared.
All I/O port pins are configured as input mode (high-impedance state).
1 NOTE: VDD = 5V, set up time period = 16.2ms ± 30%
VDD = 3V, set up time period = 19.6ms ± 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com