công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 42 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
EM78P311N
8-Bit Microcontroller
38
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
8-bit Up-counter
Comparator
TCR3B
TC3CR
MUX
INT3ES
TC3 pin
TC2CK
TC3S
2
TC3
Interrupt
TCR3A
fc/2
12
fc/2
10
fc/2
7
Edge
Detector
Capture
Control
TC3M
Capture
Capture
CAP
Inhibit
Rising
Falling
Overflow
M
fs/2
4
fs/2
2
,
,
Fig. 5-22 Configuration of Timer/Counter3
5.10.1 Timer Mode
In Timer mode, counting up is performed using the internal clock. When the contents of
the up-counter matched with the TCR3DA, then interrupt is generated and the counter
is cleared. Counting up resumes after the counter is cleared. The current contents of
the up-counter are loaded into the TCR3DB by setting TC3CAP to “1” and the TC3CAP
is cleared to “0” after capture automatically.
5.10.2 Counter Mode
In Counter mode, counting up is performed using the external clock input pin (TC3 pin)
and either rising or falling edge can be selected by INT3ES0 but both edge cannot
be used. When the contents of the up-counter matched with the TCR3DA, then
interrupt is generated and the counter is cleared. Counting up resumes after the
counter is cleared. The current contents of the up-counter are loaded into the TCR3DB
by setting TC3CAP to “1” and the TC3CAP is cleared to “0” after capture automatically.
5.10.3 Capture Mode
In Capture mode, the pulse width, period and duty of the TC3 input pin are measured in
this mode, which can be used in decoding the remote control signal. The counter is
free running by the internal clock. On the rising (falling) edge of TC3 pin input, the
contents of the counter is loaded into TCR3DA, then the counter is cleared and
interrupt is generated. On the falling (rising) edge of TC3 pin input, the contents of the
counter are loaded into TCR3DB. The counter is still counting, on the next rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com