công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 40 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
EM78P311N
8-Bit Microcontroller
36
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
5.9.1 Timer Mode
In Timer mode, counting up is performed using the internal clock. When the contents of
the up-counter matched with the TCR2 (TCR2H+TCR2L), then interrupt is generated
and the counter is cleared. Counting up resumes after the counter is cleared.
01
2
4
n-1 n
1
23
Internal clock
Up-counter
5
TC2 interrupt
0
n
match
counter
clear
TCR2
n-2
n-3
3
Fig. 5-19 Timer Mode Timing Chart
5.9.2 Counter Mode
In Counter mode, counting up is performed using the external clock input pin (TC2 pin)
and either rising or falling can be selected by setting TC2ES. When the contents of
the up-counter matched with the TCR2 (TCR2H+TCR2L), then interrupt is generated
and the counter is cleared. Counting up resumes after the counter is cleared.
01
2
3
n-1 n
1
23
TC2 Pin
Up-counter
4
TC2 interrupt
0
n
match
counter
clear
TCR2
n-2
Fig. 5-20 Counter Mode Timing Chart (TC2ES = 1)
5.9.3 Window Mode
In Window mode, counting up is performed on the rising or falling edge of the pulse
that is logical AND of an internal clock and the TC2 pin (window pulse). When the
contents of the up-counter matched with the TCR2 (TCR2H+TCR2L), then interrupt is
generated and the counter is cleared. The frequency (window pulse) must be slower
than the selected internal clock.
Writing to the TCR2L, the comparison is inhibited until TCR2H is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com