công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 6 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
EM78P311N
8-Bit Microcontroller
2
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
4
Pin Description
Table 1
Symbol
Pin No.
Type
Function
VDD
28
−
Power supply
OSCI
2
I
Crystal type: Crystal input terminal
RC type: RC oscillator input pin
OSCO
1
I/O
Crystal type: Output terminal for crystal oscillator
RC type: Instruction clock output
External clock signal input
/RESET
27
I
Input pin with Schmitt Trigger. If this pin remains at logic low, the
controller will also remain in reset condition.
P60~P67
19~26
I/O
8-bit bidiectional input/output pins.
P60 can be used as external Interrupt 0 (/INT0).
P61 can be used as external Interrupt 1 (INT1).
P62 can be used as 16-bit Timer/Counter 2 (TC2).
P63 can be used as divider output (/TONE).
P64 slave mode enable (/SS).
P60 ~ P63 can be used as pull-high or pull-low pins.
P70~P73
15~18
I/O
8-bit bidiectional input/output pins.
P70 can be used as SPI serial clock input/output (/SCK)
P71 can be used as SPI serial data input (SI) or UART data receive
input (RX)
P72 can be used as SPI serial data output (SO) or UART data
transmit output (TX)
P73 can be used as Sleep mode release input (/SLEEP) or external
interrupt input 5 (/INT5)
P70 ~ P73 can be used as pull-high or pull-low pins
P80~P81
12~13
I/O
2-bit bidiectional input/output pins.
P80 can be used as 8-bit Timer/Counter 3 (TC3) or external
Interrupt Input 3 (INT3).
P81 can be used as 8-bit Timer/Counter 4 (TC4) or programmable
divider output (PDO).
P80 ~ P81 can be used as pull-high or pull-low pins.
P90~P97
4~11
I/O
8-bit bidiectional input/output pins.
P90~P97 can be used as 8 channel 10-bit resolution A/D converter.
P97 can be used as AD reference power supply input (VREF).
VSS
14
−
Ground
NC
3
−
No connection
OTP Programming Pins
VPP
27
I
Programming voltage input
ACLK
1
I
CLK for OTP memory address increment
DATAIN
25
I/O
ROM code series input and series output pin
DINCK
26
I
ROM code input clock
PGMB
24
I
Program write enable pin. Active low.
OEB
23
I
Output enable pin. Active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com