công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 52 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
EM78P311N
8-Bit Microcontroller
48
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
General Purpose Registers
Address Name
Reset Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
-
-
-
-
-
-
-
-
Power-on
U
U
U
U
U
U
U
U
/RESET and WDT time out
P
P
P
P
P
P
P
P
0x10
~
0x3F
R10
~
R3F
Wake-up from Sleep, Idle mode
P
P
P
P
P
P
P
P
Legend: “
×” = not used
“P”
= previous value before reset
“u”
= unknown or don’t care
“t”
= check Table 7
5.14.4 The Status of RST, T, and P of the Status Register
The values of T and P are used to verify the event that triggered the processor to wake
up. Table 7 shows the events that may affect the status of T and P.
Table 7. The Values of RST, T and P after a reset
Reset Type
T
P
Power on
1
1
/RESET during Operation mode
*P
*P
/RESET wake-up during Sleep mode
*P
*P
/RESET wake-up during Idle mode
*P
*P
WDT during Operation mode
0
*P
WDT wake-up during Sleep mode
0
*P
WDT wake-up during Idle mode
0
*P
*P: Previous status before reset
Table 8 The Events that may affect the T and P Status
Event
T
P
Power on
1
1
WDTC instruction
1
1
WDT time-out
0
*P
SLEP instruction
1
0
Wake-Up during Sleep mode
*P
*P
*P: Previous value before reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com