công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P311SXS/XJ bảng dữ liệu(PDF) 63 Page - ELAN Microelectronics Corp

tên linh kiện EM78P311SXS/XJ
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ bảng dữ liệu(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
EM78P311N
8-Bit Microcontroller
Product Specification (V1.0) 10.02.2006
• 59
(This specification is subject to change without further notice)
7
Electrical Characteristics
7.1 DC Electrical Characteristics
Ta= 25
°C, VDD= 5.0V ± 5%, VSS= 0V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Fc
Crystal: 4.5V to VDD
Two cycles with two clocks
1
−
10
MHz
ERC ERC: VDD = 5V
R: 5.1K
Ω, C: 100 pF
630
900
1170
kHz
VIHRC
Input High Threshold Voltage
(Schmitt Trigger )
OSCI in RC mode
2.8
4
4.5
V
IRC1 Sink current
VI from low to high , VI=5V
15.5
22
28.5
mA
VILRC
Input Low Threshold Voltage
(Schmitt Trigger )
OSCI in RC mode
1.3
1.8
2.7
V
IRC2 Sink current
VI from high to low , VI=2V
12
17
22
mA
IIL
Input Leakage Current for input
pins
VIN = VDD, VSS
-1
0
1
μA
VIH1
Input High Voltage
(Schmitt Trigger)
Ports 6, 7, 8, 9
0.7VDD
−
VDD +0.3V
V
VIL1
Input Low Voltage
(Schmitt Trigger)
Ports 6, 7, 8, 9,
-0.3V
−
0.3 VDD
V
VIHT1
Input High Threshold Voltage
(Schmitt Trigger)
/RESET, TCC, INT
0.7 VDD
−
VDD +0.3V
V
VILT1
Input Low Threshold Voltage
(Schmitt Trigger)
/RESET, TCC, INT
-0.3V
−
0.3 VDD
V
VIHX1 Clock Input High Voltage
OSCI in crystal mode
0.7VDD
−
VDD+0.3V
V
VILX1 Clock Input Low Voltage
OSCI in crystal mode
-0.3V
−
0.3VDD
V
IOH1
Output High Voltage
(Ports 6, 7, 8, 9)
VOH = VDD-0.4V
-3.5
-5
-6.5
mA
IOL1
Output Low Voltage
(Port 9)
VOL = VSS+0.4V
3
5
7
mA
IOL2
Output Low Voltage
(Ports 6, Port 7, Port 8)
VOL = VSS+0.4V
12
15
20
mA
IPH
Pull-high current
Pull-high active, input pin at VSS
-50
-75
-100
μA
IPL
Pull-Low current
Pull-high active, input pin at VDD
50
75
100
uA
ISB1
Sleep mode
Power down current
WDT
disabled
0.8
1.5
μA
ISB2
Sleep mode
Power down current
All input and I/O
pins at VDD,
output pin floating
WDT
enabled
6
10
μA
ICC3
Idle mode
Operating supply current
at two clocks
1.1
1.5
mA
ICC4
Normal mode
Operating supply current
at two clocks
VDD=5V, /RESET= 'High',
Fc=8MHz, CLKS="0", output pin
floating, WDT enabled
3.0
3.5
mA
Note:
* Data in the Minimum, Typical, Maximum (“Min”, “Typ”, ”Max”) columns are based on characterization results at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com