| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C940KC/W bảng dữ liệu(PDF) 131 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C940KC/W bảng dữ liệu(HTML) 131 Page - Advanced Micro Devices |
|
131 / 144 page ![]() Am79C940 131 -- -- BSDL File created/edited by AT&T BSD Editor -- -- BSDE:Revision: Silicon Rev. C0; File REV A3 -- BSDE:Description: BSDL File for the AM79C940 MACE Product; -- 84-Pin PLCC and 100-Pin PQFP packages. -- Separate file for 80-Pin TQFP package. -- BSDE:Comments: /* TQFP Definition has been deleted. -- * BSDL file checked by AT&T’s BCAD2 BSD Editor on 9/7/95 -- */ entity AM79C940 is generic (PHYSICAL_PIN_MAP : string := "PLCC_PACKAGE" ); port ( ADD: in bit_vector (0 to 4); AVDD1: linkage bit; AVDD2: linkage bit; AVDD3: linkage bit; AVDD4: linkage bit; AVSS1: linkage bit; AVSS2: linkage bit; BE0_L: in bit; BE1_L: in bit; CI0: linkage bit; CI1: in bit; CLSN: inout bit; CS_L: in bit; DBUS: inout bit_vector (0 to 15); DI0: linkage bit; DI1: in bit; DO0: linkage bit; DO1: out bit; DTV_L: out bit; DVDD1: linkage bit; DVDD2: linkage bit; DVDDN: linkage bit; DVDDP: linkage bit; |