công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C940KC/W bảng dữ liệu(PDF) 107 Page - Advanced Micro Devices

tên linh kiện AM79C940KC/W
Giải thích chi tiết về linh kiện  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W bảng dữ liệu(HTML) 107 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 103Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 104Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 105Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 106Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 107Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 108Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 109Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 110Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
107
DI±
RXCRS
IVCO
SRDCLK
(Note 1)
BCC
BCB
Bit Cell (n–1)
BCC
BCB
10
Bit Cell (n)
bit (n–1)
bit (n)
(Note 2)
SRD
VASQ
60
61
16235D-36
Notes:
1. RXCRS deasserts in less than 3 bit times after last DI
± rising edge.
2. Start of next packet reception (2 bit times).
3. IVCO is an internal signal shown for clarification only.
AUI Receive Timing–End of Packet (Last Bit = 0)
DI±
RXCRS
IVCO
SRDCLK
SRD
(Note 1)
BCC
BCB
Bit Cell (n–1)
BCC
01
Bit Cell (n)
bit (n–1)
bit (n)
61
Notes:
1. RXCRS deassets in less than 3 bit times after last DI
± rising edge.
2. IVCO is an internal signal shown for clarification only.
16235D-37
AUI Receive Timing–End of Packet (Last Bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More