công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC05 bảng dữ liệu(PDF) 18 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC05
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 bảng dữ liệu(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 14Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
General Description
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
18
Freescale Semiconductor
1.5 Software-Programmable Options (MC68HC05C9A Mode Only)
The C9A option register (OR), shown in Figure 1-4, is enabled only if configured in C9A mode. This
register contains the programmable bits for the following options:
•
Map two different areas of memory between RAM and EPROM, one of 48 bytes and one of 128
bytes
•
Edge-triggered only or edge- and level-triggered external interrupt (IRQ pin and any port B pin
configured for interrupt)
This register must be written to by user software during operation of the microcontroller.
RAM0 — Random Access Memory Control Bit 0
This read/write bit selects between RAM or EPROM in location $0020 to $004F. This bit can be read
or written at any time.
1 = RAM selected
0 = EPROM selected
RAM1— Random Access Memory Control Bit 1
This read/write bit selects between RAM or EPROM in location $0100 to $017F. This bit can be read
or written at any time.
1 = RAM selected
0 = EPROM selected
IRQ — Interrupt Request Bit
This bit selects between an edge-triggered only or edge- and level- triggered external interrupt pin.
This bit is set by reset, but can be cleared by software. This bit can be written only once.
1 = Edge and level interrupt option selected
0 = Edge-only interrupt option selected
$3FDF
Bit 7
654321
Bit 0
Read:
RAM0
RAM1
IRQ
Write:
Reset:
00000010
= Unimplemented
Figure 1-4. C9A Option Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com