công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC05 bảng dữ liệu(PDF) 22 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC05
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 bảng dữ liệu(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
General Description
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
22
Freescale Semiconductor
Figure 1-8. 44-Pin QFP Pin Assignments
1.6.1 VDD and VSS
Power is supplied to the MCU using these two pins. VDD is the positive supply and VSS is ground.
1.6.2 VPP
This pin provides the programming voltage to the EPROM array. For normal operation, VPP should be tied
to VDD.
1.6.3 IRQ
This interrupt pin has an option that provides two different choices of interrupt triggering sensitivity. The
IRQ pin contains an internal Schmitt trigger as part of its input to improve noise immunity. Refer to
Chapter 4 Interrupts for more detail.
1.6.4 OSC1 andOSC2
These pins provide control input for an on-chip clock oscillator circuit. A crystal connected to these pins
provides a system clock. The internal frequency is one-half the crystal frequency.
33
32
31
30
29
28
27
26
25
24
23
PC3
PC2
PC1
PC0
PD0/RDI
PD1/TDO
PD2/MISO
PD3/MOSI
PD4/SCK
PD5/SS
TCMP
1
2
3
4
5
6
7
8
9
10
11
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PB0
PB1
PB2
PB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com