công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC05 bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC05
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
Interrupts
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
36
Freescale Semiconductor
4.3 External Interrupt (IRQ or Port B)
If the interrupt mask bit (I bit) of the CCR is set, all maskable interrupts (internal and external) are disabled.
Clearing the I bit enables interrupts. The interrupt request is latched immediately following the falling edge
of IRQ. It is then synchronized internally and serviced as specified by the contents of $3FFA and $3FFB.
When any of the port B pullups are enabled, each pin becomes an additional external interrupt source
which is executed identically to the IRQ pin. Port B interrupts follow the same edge/edge-level selection
as the IRQ pin. The branch instructions BIL and BIH also respond to the port B interrupts in the same way
as the IRQ pin. See 7.3 Port B.
Either a level-sensitive and edge-sensitive trigger or an edge-sensitive-only trigger operation is
selectable. In MC68HC05C9A mode, the sensitivity is software controlled by the IRQ bit in the C9A option
register ($3FDF). In the MC68HC05C12A mode, the sensitivity is determined by the C12IRQ bit in the
C12 mask option register ($3FF1).
NOTE
The internal interrupt latch is cleared in the first part of the interrupt service
routine; therefore, one external interrupt pulse can be latched and serviced
as soon as the I bit is cleared.
Table 4-1. Vector Addresses for Interrupts and Resets
Function
Source
Local Mask
Global Mask
Priority
(1 = Highest)
Vector
Address
Reset
Power-on reset
None
None
1
$3FFE–$3FFF
RESET pin
COP watchdog
Software
interrupt
(SWI)
User code
None
None
Same priority
as instruction
$3FFC–$3FFD
External
interrupt
IRQ pin port B pins
None
I bit
2
$3FFA–$3FFB
Timer
interrupts
ICF bit
ICIE bit
I bit
3
$3FF8–$3FF9
OCF bit
OCIE bit
TOF bit
TOIE bit
SCI
interrupts
TDRE bit
TCIE bit
I bit
4
$3FF6–$3FF7
TC bit
RDRF bit
RIE bit
OR bit
IDLE bit
ILIE bit
SPI
interrupts
SPIF bit
SPIE
I bit
5
$3FF4–$3FF5
MODF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com