công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC05 bảng dữ liệu(PDF) 63 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC05
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 bảng dữ liệu(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 59Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
Address Mark Wakeup
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
63
9.9 Address Mark Wakeup
In address mark wakeup, the most significant bit (MSB) in a character is used to indicate whether it is an
address (logic 1) or data (logic 0) character. Sleeping receivers will wake up whenever an address
character is received. Systems using this method for wakeup would set the MSB of the first character of
each message and leave it clear for all other characters in the message. Idle periods may be present
within messages and no idle time is required between messages for this wakeup method.
9.10 Receive Data In (RDI)
Receive data is the serial data that is applied through the input line and the SCI to the internal bus. The
receiver circuitry clocks the input at a rate equal to 16 times the baud rate. This time is referred to as the
RT rate in Figure 9-4 and as the receiver clock in Figure 9-6.
The receiver clock generator is controlled by the baud rate register; however, the SCI is synchronized by
the start bit, independent of the transmitter.
Once a valid start bit is detected, the start bit, each data bit, and the stop bit are sampled three times at
RT intervals 8 RT, 9 RT, and 10 RT
(1 RT is the position where the bit is expected to start), as shown in Figure 9-5. The value of the bit is
determined by voting logic which takes the value of the majority of the samples. A noise flag is set when
all three samples on a valid start bit or data bit or the stop bit do not agree.
Figure 9-4. SCI Examples of Start Bit Sampling Techniques
Figure 9-5. SCI Sampling Technique Used on All Bits
11
11
11
1
1
0
0
0
0
11
11
11
1
1
0
0
1
0
11101
111
0000
NOISE
NOISE
START
START
START
RDI
RDI
RDI
IDLE
1RT
2RT
3RT
4RT
5RT
6RT
7RT
RT CLOCK EDGES FOR ALL THREE EXAMPLES
16X INTERNAL SAMPLING CLOCK
9RT
8RT
10RT
16RT 1RT
16RT 1RT
SAMPLES
NEXT BIT
PREVIOUS BIT
RDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com