công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC05 bảng dữ liệu(PDF) 43 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC05
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 bảng dữ liệu(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 43Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 44Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 45Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 46Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
MC68HC05C12A Compatible COP Clear Register
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
43
5.7 MC68HC05C12A Compatible COP Clear Register
The COP clear register, shown in Figure 5-6, resets the C12A COP counter.
COPC — Computer Operating Properly Clear Bit
Preventing a COP reset is achieved by writing a 0 to the COPC bit. This action will reset the counter
and begin the timeout period again. The COPC bit is bit 0 of address $3FF0. A read of address $3FF0
will result in the data programmed into the mask option register PBMOR.
5.8 COP During Wait Mode
Either COP will continue to operate normally during wait mode. The software must pull the device out of
wait mode periodically and reset the COP to prevent a system reset.
5.9 COP During Stop Mode
Stop mode disables the oscillator circuit and thereby turns the clock off for the entire device. The COP
counter will be reset when stop mode is entered. If a reset is used to exit stop mode, the COP counter will
be reset after the 4064 cycles of delay after stop mode. If an IRQ is used to exit stop mode, the COP
counter will not be reset after the 4064-cycle delay and will have that many cycles already counted when
control is returned to the program.
In the event that an inadvertent STOP instruction is executed, neither COP will allow the system to
recover. The MC68HC705C9A offers two solutions to this problem, one available in C9A mode (see 5.9.1
Clock Monitor Reset) and one available in C12A mode (see 5.9.2 STOP Instruction Disable Option).
5.9.1 Clock Monitor Reset
When configured as a C9A, the clock monitor circuit can provide a system reset if the clock stops for any
reason, including stop mode. When the CME bit in the C9A COP control register is set, the clock monitor
detects the absence of the internal bus clock for a certain period of time. The timeout period is dependent
on the processing parameters and varies from 5
µs to 100 µs, which implies that systems using a bus
clock rate of 200 kHz or less should not use the clock monitor.
If a slow or absent clock is detected, the clock monitor causes a system reset. The reset is issued to the
external system via the bidirectional RESET pin for four bus cycles if the clock is slow or until the clocks
recover in the case where the clocks are absent.
$3FF0
Bit 7
6543
2
1
Bit 0
Read:
Write:
COPC
Reset:
000
U
0
0
0
0
= Unimplemented
U = Undetermined
Figure 5-6. COP Clear Register (COPCLR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com