| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC05 bảng dữ liệu(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC05 bảng dữ liệu(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 118 page ![]() Instruction Set MC68HC05C9A Advance Information Data Sheet, Rev. 4.1 82 Freescale Semiconductor 11.3.2 Read-Modify-Write Instructions These instructions read a memory location or a register, modify its contents, and write the modified value back to the memory location or to the register. NOTE Do not use read-modify-write operations on write-only registers. Table 11-2. Read-Modify-Write Instructions Instruction Mnemonic Arithmetic Shift Left (Same as LSL) ASL Arithmetic Shift Right ASR Bit Clear BCLR(1) 1. Unlike other read-modify-write instructions, BCLR and BSET use only direct addressing. Bit Set BSET(1) Clear Register CLR Complement (One’s Complement) COM Decrement DEC Increment INC Logical Shift Left (Same as ASL) LSL Logical Shift Right LSR Negate (Two’s Complement) NEG Rotate Left through Carry Bit ROL Rotate Right through Carry Bit ROR Test for Negative or Zero TST(2) 2. TST is an exception to the read-modify-write sequence because it does not write a replacement value. |