công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC05 bảng dữ liệu(PDF) 40 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC05
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 bảng dữ liệu(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 43Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
Resets
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
40
Freescale Semiconductor
Figure 5-2. Power-On Reset and RESET
5.4 Computer Operating Properly (COP) Reset
This device includes a watchdog COP feature which guards against program run-away failures. A timeout
of the computer operating properly (COP) timer generates a COP reset. The COP watchdog is a software
error detection system that automatically times out and resets the MCU if not cleared periodically by a
program sequence.
This device includes two COP types, one for C12A compatibility and the other for C9A compatibility. When
configured as a C9A the COP can be enabled by user software by setting COPE in the C9A COP control
register (C9ACOPCR). When configured as a C12A, the COP is enabled prior to operation by
programming the C12COPE bit in the C12A mask option register (C12MOR). The function and control of
both COPs is detailed below.
RESET
OSC1
2
INTERNAL
CLOCK
1
INTERNAL
ADDRESS
BUS
1
V
DD
INTERNAL
DATA
BUS
1
t
RL
NEW
PCH
NEW
PCL
OP
CODe
OP
CODE
PCH
PCL
3
t
CYC
4064t
CYC
t
VDDR
DUMMY
3FFF
NEW
PC
NEW
PC
3FFE
3FFE
3FFE
NEW
PC
NEW
PC
3FFE
3FFF
3FFE
DUMMY
Notes:
1. Internal timing signal and bus information are not available externally.
2. OSC1 line is not meant to represent frequency. It is only meant to represent time.
3. The next rising edge of the internal processor clock following the rising edge of RESET initiates the reset sequence.
t
RL
3
RESET
(C9A)
(C12A)
4
4. RESET outputs VOL during 4064 power-on reset cycles when in C9A mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com