| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC05 bảng dữ liệu(PDF) 89 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC05 bảng dữ liệu(HTML) 89 Page - Freescale Semiconductor, Inc |
|
89 / 118 page ![]() Instruction Set Summary MC68HC05C9A Advance Information Data Sheet, Rev. 4.1 Freescale Semiconductor 89 RTI Return from Interrupt SP ← (SP) + 1; Pull (CCR) SP ← (SP) + 1; Pull (A) SP ← (SP) + 1; Pull (X) SP ← (SP) + 1; Pull (PCH) SP ← (SP) + 1; Pull (PCL) INH 80 9 RTS Return from Subroutine SP ← (SP) + 1; Pull (PCH) SP ← (SP) + 1; Pull (PCL) — ———— INH 81 6 SBC #opr SBC opr SBC opr SBC opr,X SBC opr,X SBC ,X Subtract Memory Byte and Carry Bit from Accumulator A ← (A) – (M) – (C) — — IMM DIR EXT IX2 IX1 IX A2 B2 C2 D2 E2 F2 ii dd hh ll ee ff ff 2 3 4 5 4 3 SEC Set Carry Bit C ← 1 — ——— 1 INH 99 2 SEI Set Interrupt Mask I ← 1 — 1 ——— INH 9B 2 STA opr STA opr STA opr,X STA opr,X STA ,X Store Accumulator in Memory M ← (A) — — — DIR EXT IX2 IX1 IX B7 C7 D7 E7 F7 dd hh ll ee ff ff 4 5 6 5 4 STOP Stop Oscillator and Enable IRQ Pin — 0 — — — INH 8E 2 STX opr STX opr STX opr,X STX opr,X STX ,X Store Index Register In Memory M ← (X) — — — DIR EXT IX2 IX1 IX BF CF DF EF FF dd hh ll ee ff ff 4 5 6 5 4 SUB #opr SUB opr SUB opr SUB opr,X SUB opr,X SUB ,X Subtract Memory Byte from Accumulator A ← (A) – (M) — — IMM DIR EXT IX2 IX1 IX A0 B0 C0 D0 E0 F0 ii dd hh ll ee ff ff 2 3 4 5 4 3 SWI Software Interrupt PC ← (PC) + 1; Push (PCL) SP ← (SP) – 1; Push (PCH) SP ← (SP) – 1; Push (X) SP ← (SP) – 1; Push (A) SP ← (SP) – 1; Push (CCR) SP ← (SP) – 1; I ← 1 PCH ← Interrupt Vector High Byte PCL ← Interrupt Vector Low Byte — 1 ——— INH 83 1 0 TAX Transfer Accumulator to Index Register X ← (A) — ———— INH 97 2 TST opr TSTA TSTX TST opr,X TST ,X Test Memory Byte for Negative or Zero (M) – $00 — — — DIR INH INH IX1 IX 3D 4D 5D 6D 7D dd ff 4 3 3 5 4 Table 11-6. Instruction Set Summary (Sheet 5 of 6) Source Form Operation Description Effect on CCR HIN Z C |