công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC05 bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC05
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 118 page
background image
Interrupts
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
38
Freescale Semiconductor
4.4 Timer Interrupt
Three different timer interrupt flags cause a timer interrupt whenever they are set and enabled. The
interrupt flags are in the timer status register (TSR), and the enable bits are in the timer control register
(TCR). Any of these interrupts will vector to the same interrupt service routine, located at the address
specified by the contents of memory locations $3FF8 and $3FF9.
4.5 SCI Interrupt
Five different SCI interrupt flags cause an SCI interrupt whenever they are set and enabled. The interrupt
flags are in the SCI status register (SCSR), and the enable bits are in the SCI control register 2 (SCCR2).
Any of these interrupts will vector to the same interrupt service routine, located at the address specified
by the contents of memory locations $3FF6 and $3FF7.
4.6 SPI Interrupt
Two different SPI interrupt flags cause an SPI interrupt whenever they are set and enabled. The interrupt
flags are in the SPI status register (SPSR), and the enable bits are in the SPI control register (SPCR).
Either of these interrupts will vector to the same interrupt service routine, located at the address specified
by the contents of memory locations $3FF4 and $3FF5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com