| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S75WS256NDFBAWMB bảng dữ liệu(PDF) 118 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB bảng dữ liệu(HTML) 118 Page - SPANSION |
|
118 / 216 page ![]() 116 S75WS256Nxx Based MCPs S75WS-N-00_00_A0 February 17, 2005 Data Sheet Figure 19.3 Write Buffer Programming Operation Write “Write to Buffer” command and Sector Address Write number of addresses to program minus 1 and Sector Address Write program buffer to flash sector address Write first address/data Write to a different sector address FAIL or ABORT PASS Read DQ15 - DQ0 at Last Loaded Address Read DQ15 - DQ0 with address = Last Loaded Address Write next address/data pair WC = WC - 1 WC = 0 ? Part of “Write to Buffer” Command Sequence Yes Yes Yes Yes Yes Yes No No No No No No Abort Write to Buffer Operation? DQ7 = Data? DQ7 = Data? DQ5 = 1? DQ1 = 1? Write to buffer ABORTED. Must write “Write-to-buffer Abort Reset” command sequence to return to read mode. |