| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYT4DNJBJS bảng dữ liệu(PDF) 52 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS bảng dữ liệu(HTML) 52 Page - Infineon Technologies AG |
|
52 / 209 page ![]() Datasheet 52 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Interrupts and wake-up assignments 318 cpuss_interrupts_dw0_22_IRQn Active CPUSS P-DMA0, Channel #22 Interrupt 319 cpuss_interrupts_dw0_23_IRQn Active CPUSS P-DMA0, Channel #23 Interrupt 320 cpuss_interrupts_dw0_24_IRQn Active CPUSS P-DMA0, Channel #24 Interrupt 321 cpuss_interrupts_dw0_25_IRQn Active CPUSS P-DMA0, Channel #25 Interrupt 322 cpuss_interrupts_dw0_26_IRQn Active CPUSS P-DMA0, Channel #26 Interrupt 323 cpuss_interrupts_dw0_27_IRQn Active CPUSS P-DMA0, Channel #27 Interrupt 324 cpuss_interrupts_dw0_28_IRQn Active CPUSS P-DMA0, Channel #28 Interrupt 325 cpuss_interrupts_dw0_29_IRQn Active CPUSS P-DMA0, Channel #29 Interrupt 326 cpuss_interrupts_dw0_30_IRQn Active CPUSS P-DMA0, Channel #30 Interrupt 327 cpuss_interrupts_dw0_31_IRQn Active CPUSS P-DMA0, Channel #31 Interrupt 328 cpuss_interrupts_dw0_32_IRQn Active CPUSS P-DMA0, Channel #32 Interrupt 329 cpuss_interrupts_dw0_33_IRQn Active CPUSS P-DMA0, Channel #33 Interrupt 330 cpuss_interrupts_dw0_34_IRQn Active CPUSS P-DMA0, Channel #34 Interrupt 331 cpuss_interrupts_dw0_35_IRQn Active CPUSS P-DMA0, Channel #35 Interrupt 332 cpuss_interrupts_dw0_36_IRQn Active CPUSS P-DMA0, Channel #36 Interrupt 333 cpuss_interrupts_dw0_37_IRQn Active CPUSS P-DMA0, Channel #37 Interrupt 334 cpuss_interrupts_dw0_38_IRQn Active CPUSS P-DMA0, Channel #38 Interrupt 335 cpuss_interrupts_dw0_39_IRQn Active CPUSS P-DMA0, Channel #39 Interrupt 336 cpuss_interrupts_dw0_40_IRQn Active CPUSS P-DMA0, Channel #40 Interrupt 337 cpuss_interrupts_dw0_41_IRQn Active CPUSS P-DMA0, Channel #41 Interrupt 338 cpuss_interrupts_dw0_42_IRQn Active CPUSS P-DMA0, Channel #42 Interrupt 339 cpuss_interrupts_dw0_43_IRQn Active CPUSS P-DMA0, Channel #43 Interrupt 340 cpuss_interrupts_dw0_44_IRQn Active CPUSS P-DMA0, Channel #44 Interrupt 341 cpuss_interrupts_dw0_45_IRQn Active CPUSS P-DMA0, Channel #45 Interrupt 342 cpuss_interrupts_dw0_46_IRQn Active CPUSS P-DMA0, Channel #46 Interrupt 343 cpuss_interrupts_dw0_47_IRQn Active CPUSS P-DMA0, Channel #47 Interrupt 344 cpuss_interrupts_dw0_48_IRQn Active CPUSS P-DMA0, Channel #48 Interrupt 345 cpuss_interrupts_dw0_49_IRQn Active CPUSS P-DMA0, Channel #49 Interrupt 346 cpuss_interrupts_dw0_50_IRQn Active CPUSS P-DMA0, Channel #50 Interrupt 347 cpuss_interrupts_dw0_51_IRQn Active CPUSS P-DMA0, Channel #51 Interrupt 348 cpuss_interrupts_dw0_52_IRQn Active CPUSS P-DMA0, Channel #52 Interrupt 349 cpuss_interrupts_dw0_53_IRQn Active CPUSS P-DMA0, Channel #53 Interrupt 350 cpuss_interrupts_dw0_54_IRQn Active CPUSS P-DMA0, Channel #54 Interrupt 351 cpuss_interrupts_dw0_55_IRQn Active CPUSS P-DMA0, Channel #55 Interrupt 352 cpuss_interrupts_dw0_56_IRQn Active CPUSS P-DMA0, Channel #56 Interrupt 353 cpuss_interrupts_dw0_57_IRQn Active CPUSS P-DMA0, Channel #57 Interrupt 354 cpuss_interrupts_dw0_58_IRQn Active CPUSS P-DMA0, Channel #58 Interrupt 355 cpuss_interrupts_dw0_59_IRQn Active CPUSS P-DMA0, Channel #59 Interrupt 356 cpuss_interrupts_dw0_60_IRQn Active CPUSS P-DMA0, Channel #60 Interrupt 357 cpuss_interrupts_dw0_61_IRQn Active CPUSS P-DMA0, Channel #61 Interrupt 358 cpuss_interrupts_dw0_62_IRQn Active CPUSS P-DMA0, Channel #62 Interrupt 359 cpuss_interrupts_dw0_63_IRQn Active CPUSS P-DMA0, Channel #63 Interrupt 360 cpuss_interrupts_dw0_64_IRQn Active CPUSS P-DMA0, Channel #64 Interrupt Table 14-1 Peripheral interrupt assignments and wake-up sources (continued) Interrupt Source Power mode Description |