| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYT4DNJBJS bảng dữ liệu(PDF) 50 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS bảng dữ liệu(HTML) 50 Page - Infineon Technologies AG |
|
50 / 209 page ![]() Datasheet 50 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Interrupts and wake-up assignments 131 cxpi_0_interrupts_1_IRQn Active CXPI0 Channel #1 Interrupt 135 scb_1_interrupt_IRQn Active SCB1 Interrupt 136 scb_2_interrupt_IRQn Active SCB2 Interrupt 137 scb_3_interrupt_IRQn Active SCB3 Interrupt 138 scb_4_interrupt_IRQn Active SCB4 Interrupt 139 scb_5_interrupt_IRQn Active SCB5 Interrupt 140 scb_6_interrupt_IRQn Active SCB6 Interrupt 141 scb_7_interrupt_IRQn Active SCB7 Interrupt 142 scb_8_interrupt_IRQn Active SCB8 Interrupt 143 scb_9_interrupt_IRQn Active SCB9 Interrupt 144 scb_10_interrupt_IRQn Active SCB10 Interrupt 145 scb_11_interrupt_IRQn Active SCB11 Interrupt 150 videoss_0_interrupt_gfx2d_IRQn Active GFX2D Interrupt 151 videoss_0_interrupt_mipicsi_IRQn Active MIPICSI Interrupt 152 videoss_0_interrupt_videoio0_IRQn Active VIDEOSS I/O Interrupt #0 153 videoss_0_interrupt_videoio1_IRQn Active VIDEOSS I/O Interrupt #1 154 videoss_0_interrupt_videoio0_safe- ty_IRQn Active VIDEOSS I/O Safety Interrupt #0 155 videoss_0_interrupt_videoio1_safe- ty_IRQn Active VIDEOSS I/O Safety Interrupt #1 156 jpegdec.interrupt_jpeg Active JPEG Decoder Interrupt 160 pass_0_interrupts_sar_0_IRQn Active SAR0, Logical Channel #0 Interrupt 161 pass_0_interrupts_sar_1_IRQn Active SAR0, Logical Channel #1 Interrupt 162 pass_0_interrupts_sar_2_IRQn Active SAR0, Logical Channel #2 Interrupt 163 pass_0_interrupts_sar_3_IRQn Active SAR0, Logical Channel #3 Interrupt 164 pass_0_interrupts_sar_4_IRQn Active SAR0, Logical Channel #4 Interrupt 165 pass_0_interrupts_sar_5_IRQn Active SAR0, Logical Channel #5 Interrupt 166 pass_0_interrupts_sar_6_IRQn Active SAR0, Logical Channel #6 Interrupt 167 pass_0_interrupts_sar_7_IRQn Active SAR0, Logical Channel #7 Interrupt 168 pass_0_interrupts_sar_8_IRQn Active SAR0, Logical Channel #8 Interrupt 169 pass_0_interrupts_sar_9_IRQn Active SAR0, Logical Channel #9 Interrupt 170 pass_0_interrupts_sar_10_IRQn Active SAR0, Logical Channel #10 Interrupt 171 pass_0_interrupts_sar_11_IRQn Active SAR0, Logical Channel #11 Interrupt 172 pass_0_interrupts_sar_12_IRQn Active SAR0, Logical Channel #12 Interrupt 173 pass_0_interrupts_sar_13_IRQn Active SAR0, Logical Channel #13 Interrupt 174 pass_0_interrupts_sar_14_IRQn Active SAR0, Logical Channel #14 Interrupt 175 pass_0_interrupts_sar_15_IRQn Active SAR0, Logical Channel #15 Interrupt 176 pass_0_interrupts_sar_16_IRQn Active SAR0, Logical Channel #16 Interrupt 177 pass_0_interrupts_sar_17_IRQn Active SAR0, Logical Channel #17 Interrupt 178 pass_0_interrupts_sar_18_IRQn Active SAR0, Logical Channel #18 Interrupt 179 pass_0_interrupts_sar_19_IRQn Active SAR0, Logical Channel #19 Interrupt 180 pass_0_interrupts_sar_20_IRQn Active SAR0, Logical Channel #20 Interrupt 181 pass_0_interrupts_sar_21_IRQn Active SAR0, Logical Channel #21 Interrupt 182 pass_0_interrupts_sar_22_IRQn Active SAR0, Logical Channel #22 Interrupt Table 14-1 Peripheral interrupt assignments and wake-up sources (continued) Interrupt Source Power mode Description |