| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYT4DNJBJS bảng dữ liệu(PDF) 51 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS bảng dữ liệu(HTML) 51 Page - Infineon Technologies AG |
|
51 / 209 page ![]() Datasheet 51 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Interrupts and wake-up assignments 183 pass_0_interrupts_sar_23_IRQn Active SAR0, Logical Channel #23 Interrupt 184 pass_0_interrupts_sar_24_IRQn Active SAR0, Logical Channel #24 Interrupt 185 pass_0_interrupts_sar_25_IRQn Active SAR0, Logical Channel #25 Interrupt 186 pass_0_interrupts_sar_26_IRQn Active SAR0, Logical Channel #26 Interrupt 187 pass_0_interrupts_sar_27_IRQn Active SAR0, Logical Channel #27 Interrupt 188 pass_0_interrupts_sar_28_IRQn Active SAR0, Logical Channel #28 Interrupt 189 pass_0_interrupts_sar_29_IRQn Active SAR0, Logical Channel #29 Interrupt 190 pass_0_interrupts_sar_30_IRQn Active SAR0, Logical Channel #30 Interrupt 191 pass_0_interrupts_sar_31_IRQn Active SAR0, Logical Channel #31 Interrupt 280 axi_dmac_0_interrupts_0_IRQn Active CPUSS AXI M-DMA1, Channel #0 Interrupt 281 axi_dmac_0_interrupts_1_IRQn Active CPUSS AXI M-DMA1, Channel #1 Interrupt 282 axi_dmac_0_interrupts_2_IRQn Active CPUSS AXI M-DMA1, Channel #2 Interrupt 283 axi_dmac_0_interrupts_3_IRQn Active CPUSS AXI M-DMA1, Channel #3 Interrupt 288 cpuss_interrupts_dmac_0_IRQn Active CPUSS M-DMA0, Channel #0 Interrupt 289 cpuss_interrupts_dmac_1_IRQn Active CPUSS M-DMA0, Channel #1 Interrupt 290 cpuss_interrupts_dmac_2_IRQn Active CPUSS M-DMA0, Channel #2 Interrupt 291 cpuss_interrupts_dmac_3_IRQn Active CPUSS M-DMA0, Channel #3 Interrupt 292 cpuss_interrupts_dmac_4_IRQn Active CPUSS M-DMA0, Channel #4 Interrupt 293 cpuss_interrupts_dmac_5_IRQn Active CPUSS M-DMA0, Channel #5 Interrupt 294 cpuss_interrupts_dmac_6_IRQn Active CPUSS M-DMA0, Channel #6 Interrupt 295 cpuss_interrupts_dmac_7_IRQn Active CPUSS M-DMA0, Channel #7 Interrupt 296 cpuss_interrupts_dw0_0_IRQn Active CPUSS P-DMA0, Channel #0 Interrupt 297 cpuss_interrupts_dw0_1_IRQn Active CPUSS P-DMA0, Channel #1 Interrupt 298 cpuss_interrupts_dw0_2_IRQn Active CPUSS P-DMA0, Channel #2 Interrupt 299 cpuss_interrupts_dw0_3_IRQn Active CPUSS P-DMA0, Channel #3 Interrupt 300 cpuss_interrupts_dw0_4_IRQn Active CPUSS P-DMA0, Channel #4 Interrupt 301 cpuss_interrupts_dw0_5_IRQn Active CPUSS P-DMA0, Channel #5 Interrupt 302 cpuss_interrupts_dw0_6_IRQn Active CPUSS P-DMA0, Channel #6 Interrupt 303 cpuss_interrupts_dw0_7_IRQn Active CPUSS P-DMA0, Channel #7 Interrupt 304 cpuss_interrupts_dw0_8_IRQn Active CPUSS P-DMA0, Channel #8 Interrupt 305 cpuss_interrupts_dw0_9_IRQn Active CPUSS P-DMA0, Channel #9 Interrupt 306 cpuss_interrupts_dw0_10_IRQn Active CPUSS P-DMA0, Channel #10 Interrupt 307 cpuss_interrupts_dw0_11_IRQn Active CPUSS P-DMA0, Channel #11 Interrupt 308 cpuss_interrupts_dw0_12_IRQn Active CPUSS P-DMA0, Channel #12 Interrupt 309 cpuss_interrupts_dw0_13_IRQn Active CPUSS P-DMA0, Channel #13 Interrupt 310 cpuss_interrupts_dw0_14_IRQn Active CPUSS P-DMA0, Channel #14 Interrupt 311 cpuss_interrupts_dw0_15_IRQn Active CPUSS P-DMA0, Channel #15 Interrupt 312 cpuss_interrupts_dw0_16_IRQn Active CPUSS P-DMA0, Channel #16 Interrupt 313 cpuss_interrupts_dw0_17_IRQn Active CPUSS P-DMA0, Channel #17 Interrupt 314 cpuss_interrupts_dw0_18_IRQn Active CPUSS P-DMA0, Channel #18 Interrupt 315 cpuss_interrupts_dw0_19_IRQn Active CPUSS P-DMA0, Channel #19 Interrupt 316 cpuss_interrupts_dw0_20_IRQn Active CPUSS P-DMA0, Channel #20 Interrupt 317 cpuss_interrupts_dw0_21_IRQn Active CPUSS P-DMA0, Channel #21 Interrupt Table 14-1 Peripheral interrupt assignments and wake-up sources (continued) Interrupt Source Power mode Description |