| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYT4DNJBJS bảng dữ liệu(PDF) 38 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS bảng dữ liệu(HTML) 38 Page - Infineon Technologies AG |
|
38 / 209 page ![]() 13 Alternate function pin assignments Table 13-1 Alternate pin functions in active power mode [33, 34, 35] Name Active Mapping HCon#8[32] HCon#9 HCon#10 HCon#11 HCon#16 HCon#17 HCon#18 HCon#19 HCon#20 HCon#21 HCon#22 HCon#23 HCon#24 HCon#25 HCon#26 HCon#27 ACT#0[33] ACT#1 ACT#2 ACT#3 ACT#4 ACT#5 ACT#6 ACT#7 ACT#8 ACT#9 ACT#10 ACT#11 ACT#12 ACT#13 ACT#14 ACT#15 P0.0 PWM0_20_N TDM_TX_MCK[2](0) TDM_RX_MCK[2](0) LIN1_TX SCB10_CLK SCB10_RX SCB10_SDA P0.1 PWM0_20 TC0_20_TR TDM_TX_SCK[2](0) TDM_RX_SCK[2](0) LIN1_RX SCB10_MOSI SCB10_TX SCB10_SCL P0.2 PWM0_21_N TDM_TX_FSYNC[2](0) TDM_RX_FSYNC[2](0) CXPI1_TX SCB10_MISO SCB10_RTS P0.3 PWM0_21 TC0_21_TR TDM_TX_SD[2](0) TDM_RX_SD[2](0) CXPI1_RX SCB10_SEL0 SCB10_CTS P0.4 PWM0_22_N SCB11_CLK SCB11_RX SCB11_SDA P0.5 PWM0_22 TC0_22_TR SCB11_MOSI SCB11_TX SCB11_SCL P1.0 EXT_CLK P1.1 P1.4 P1.5 P2.3 PWM0_24 TC0_24_TR CXPI0_EN LIN0_EN CAN1_0_TX CAL_SUP_NZ P2.4 PWM0_25_N CXPI0_RX LIN0_RX CAN1_0_RX P2.5 DAC_MCK TRIG_IN[0] P2.6 P3.0 PWM0_25 TC0_25_TR CXPI0_TX LIN0_TX CAN0_0_TX P3.1 PWM0_26_N CAN0_0_RX P3.2 PWM0_26 TC0_26_TR CAN0_1_TX P3.3 PWM0_27_N EXT_CLK CAN0_1_RX P3.4 PWM0_27 TC0_27_TR LIN1_EN CXPI1_EN SCB10_SEL1 FAULT_OUT_0 P4.0 PWM0_28_N SG_AMPL[0](1) PWM_LINE1_P[0](0) FAULT_OUT_1 P4.1 PWM0_28 TC0_28_TR SG_TONE[0](1) PWM_LINE1_N[0](0) FAULT_OUT_2 P4.2 PWM0_29_N SG_AMPL[1](1) PWM_LINE2_P[0](0) FAULT_OUT_3 P4.3 PWM0_29 TC0_29_TR SG_TONE[1](1) PWM_LINE2_N[0](0) P4.4 PWM0_30_N TDM_TX_MCK[3](0) TDM_RX_MCK[3](0) CXPI0_EN SG_AMPL[2](1) LIN0_EN PWM_LINE1_P[1](0) Notes 32. High-Speed I/O matrix connection (HCON) reference as per Table 10-1. 33. Active Mode ordering (ACT#0, ACT#1, and so on) does not have any impact on configuring alternate functions; the HSIOM module handles the alternate function assignments. 34. Refer to Table 13-2 for more information on pin multiplexer abbreviations used. 35. For any function marked with an identifier (n), the AC timing is only guaranteed within the respective group “n”. 36. See Table 26-10 'Serial Communication Block (SCB) specifications' for supported IO-cells and I2C modes. |