| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 153 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 153 Page - NXP Semiconductors |
|
153 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "****************************************************************************** equations DramAdd.oe = 3; when (!IS_HALF_WORD # IS_HALF_WORD & (SIMM36400 # SIMM36800)) then DramAdd9 = A20; else DramAdd9 = A30; when ( (SIMM36400 # SIMM36800) & !IS_HALF_WORD) then DramAdd10 = A19; else when ( (SIMM36400 # SIMM36800) & IS_HALF_WORD) then DramAdd10 = A30; else DramAdd10 = 0; "****************************************************************************** "* RAS generation. "* Since the dram simm requires RAS signals to be split due to high capacitive "* load and to allow 16 bit operation. When working with 16 bit port size, "* the double drive RAS signals are disabled. "****************************************************************************** equations RAS.oe = ^hf; !Ras1~ = !DramBank1Cs~ & DramBank2Cs~ & DRAM_ENABLED; !Ras2~ = !DramBank2Cs~ & DramBank1Cs~ & DRAM_ENABLED & (SIMM36200 # SIMM36800); !Ras1DD~ = !DramBank1Cs~ & DramBank2Cs~ & DRAM_ENABLED; !Ras2DD~ = !DramBank2Cs~ & DramBank1Cs~ & DRAM_ENABLED & (SIMM36200 # SIMM36800); "****************************************************************************** "* Flash Chip Select "****************************************************************************** equations FlashCsOut.oe = ^hf; !FlashCs1~ = FLASH_ENABLED & !FlashCs~ & FLASH_BANK1; !FlashCs2~ = FLASH_ENABLED & !FlashCs~ & FLASH_BANK2 ; Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |