| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 152 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 152 Page - NXP Semiconductors |
|
152 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE if (END_OF_FLASH_READ & DSyncHardReset~.fb) then HOLD_OFF_CONSIDERED else NO_HOLD_OFF; state HOLD_OFF_CONSIDERED: if (END_OF_OTHER_CYCLE # !DSyncHardReset~.fb) then NO_HOLD_OFF else HOLD_OFF_CONSIDERED; } "****************************************************************************** "* pcc data buffers enable "****************************************************************************** equations PccDataBufEn.oe = 3; !PccEvenEn~ = (!PccCE1~ # !PccCE2~) & PCC_ENABLED & !HARD_RESET_ASSERTED & (STATE_HOLD_OFF_CONSIDERED & HOLD_OFF_PERIOD # STATE_NO_HOLD_OFF); !PccOddEn~ = (!PccCE1~ # !PccCE2~) & PCC_ENABLED & !HARD_RESET_ASSERTED & (STATE_HOLD_OFF_CONSIDERED & HOLD_OFF_PERIOD # STATE_NO_HOLD_OFF); "****************************************************************************** "* pcc data buffers direction "****************************************************************************** equations PccR_W~.oe = H; PccR_W~ = R_W~; "****************************************************************************** "* Dram Address lines. "* These lines are conencted to the dram high order address lines A9 and A10 "* (if available). These lines change value according to the dram size and "* port size. "* The dram size is encoded from the presence detect lines (see definitions "* above) and the port size is determined by the control register. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |