công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 18 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 18 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 14Page - Motorola, Inc DSP56307/D Datasheet HTML 15Page - Motorola, Inc DSP56307/D Datasheet HTML 16Page - Motorola, Inc DSP56307/D Datasheet HTML 17Page - Motorola, Inc DSP56307/D Datasheet HTML 18Page - Motorola, Inc DSP56307/D Datasheet HTML 19Page - Motorola, Inc DSP56307/D Datasheet HTML 20Page - Motorola, Inc DSP56307/D Datasheet HTML 21Page - Motorola, Inc DSP56307/D Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 156 page
background image
1-12
DSP56307 Technical Data
MOTOROLA
Signals/Connections
Interrupt and Mode Control
MODB
IRQB
Input
Input
Input
Mode Select B
ÑMODB is an active-low
Schmitt-trigger input, internally synchronized to
CLKOUT. MODA, MODB, MODC, and MODD select
one of 16 initial chip operating modes, latched into the
OMR when the RESET signal is deasserted.
External Interrupt Request B
ÑAfter reset, this input
becomes a level-sensitive or negative-edge-triggered,
maskable interrupt request input during normal
instruction processing. If IRQB is asserted
synchronous to CLKOUT, multiple processors can be
resynchronized using the WAIT instruction and
asserting IRQB to exit the wait state. If the processor is
in the stop standby state and IRQB is asserted, the
processor will exit the stop state.
MODC
IRQC
Input
Input
Input
Mode Select C
ÑMODC is an active-low
Schmitt-trigger input, internally synchronized to
CLKOUT. MODA, MODB, MODC, and MODD select
one of 16 initial chip operating modes, latched into the
OMR when the RESET signal is deasserted.
External Interrupt Request C
ÑAfter reset, this input
becomes a level-sensitive or negative-edge-triggered,
maskable interrupt request input during normal
instruction processing. If IRQC is asserted
synchronous to CLKOUT, multiple processors can be
resynchronized using the WAIT instruction and
asserting IRQC to exit the wait state. If the processor is
in the stop standby state and IRQC is asserted, the
processor will exit the stop state.
Table 1-9
Interrupt and Mode Control (Continued)
Signal Name
Type
State During
Reset
Signal Description
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com