công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 12 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 12 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc DSP56307/D Datasheet HTML 10Page - Motorola, Inc DSP56307/D Datasheet HTML 11Page - Motorola, Inc DSP56307/D Datasheet HTML 12Page - Motorola, Inc DSP56307/D Datasheet HTML 13Page - Motorola, Inc DSP56307/D Datasheet HTML 14Page - Motorola, Inc DSP56307/D Datasheet HTML 15Page - Motorola, Inc DSP56307/D Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 156 page
background image
1-6
DSP56307 Technical Data
MOTOROLA
Signals/Connections
External Memory Expansion Port (Port A)
EXTERNAL MEMORY EXPANSION PORT (PORT A)
Note:
When the DSP56307 enters a low-power standby mode (stop or wait), it
releases bus mastership and tri-states the relevant Port A signals: A0ÐA17,
D0ÐD23, AA0/RAS0ÐAA3/RAS3, RD, WR, BB, CAS, BCLK, BCLK.
External Address Bus
PINIT
NMI
Input
Input
Input
PLL Initial
ÑDuring assertion of RESET, the value of
PINIT is written into the PLL enable (PEN) bit of the
PLL control (PCTL) register, determining whether
the PLL is enabled or disabled.
Nonmaskable Interrupt
ÑAfter RESET deassertion
and during normal instruction processing, this
Schmitt-trigger input is the negative-edge-triggered
NMI request internally synchronized to CLKOUT.
Table 1-6
External Address Bus Signals
Signal
Name
Type
State During
Reset
Signal Description
A0ÐA17
Output
Tri-stated
Address Bus
ÑWhen the DSP is the bus master,
A0ÐA17 are active-high outputs that specify the
address for external program and data memory
accesses. Otherwise, the signals are tri-stated. To
minimize power dissipation, A0ÐA17 do not
change state when external memory spaces are not
being accessed.
Table 1-5
Phase-Locked Loop Signals (Continued)
Signal
Name
Type
State During
Reset
Signal Description
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com