công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56307/D bảng dữ liệu(PDF) 14 Page - Motorola, Inc

tên linh kiện DSP56307/D
Giải thích chi tiết về linh kiện  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D bảng dữ liệu(HTML) 14 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 10Page - Motorola, Inc DSP56307/D Datasheet HTML 11Page - Motorola, Inc DSP56307/D Datasheet HTML 12Page - Motorola, Inc DSP56307/D Datasheet HTML 13Page - Motorola, Inc DSP56307/D Datasheet HTML 14Page - Motorola, Inc DSP56307/D Datasheet HTML 15Page - Motorola, Inc DSP56307/D Datasheet HTML 16Page - Motorola, Inc DSP56307/D Datasheet HTML 17Page - Motorola, Inc DSP56307/D Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 156 page
background image
1-8
DSP56307 Technical Data
MOTOROLA
Signals/Connections
External Memory Expansion Port (Port A)
TA
Input
Ignored Input Transfer AcknowledgeÑIf the DSP56307 is the bus
master and there is no external bus activity, or the
DSP56307 is not the bus master, the TA input is ignored.
The TA input is a data transfer acknowledge (DTACK)
function that can extend an external bus cycle
indefinitely. Any number of wait states (1, 2. . .infinity)
may be added to the wait states inserted by the bus
control register (BCR) by keeping TA deasserted. In
typical operation, TA is deasserted at the start of a bus
cycle, is asserted to enable completion of the bus cycle,
and is deasserted before the next bus cycle. The current
bus cycle completes one clock period after TA is
asserted synchronous to CLKOUT. The number of wait
states is determined by the TA input or by the BCR,
whichever is longer. The BCR can be used to set the
minimum number of wait states in external bus cycles.
In order to use the TA functionality, the BCR must be
programmed to at least one wait state. A zero wait state
access cannot be extended by TA deassertion;
otherwise, improper operation may result. TA can
operate synchronously or asynchronously depending
on the setting of the TAS bit in the OMR.
TA functionality may not be used while performing
DRAM type accesses; otherwise, improper operation
may result.
Table 1-8
External Bus Control Signals (Continued)
Signal
Name
Type
State During
Reset
Signal Description
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com